PART |
Description |
Maker |
AD5695RBRUZ AD5694RBRUZ |
Quad 16-/14-/12-Bit nanoDAC
|
Analog Devices
|
AD5686RACPZ-RL7 AD5686RBCPZ-RL7 AD5685RBCPZ-RL7 AD |
Quad, 16-/14-/12-Bit nanoDAC
|
Analog Devices
|
AD5684BRUZ AD5684ARUZ-RL7 AD5684BCPZ-RL7 AD5684BRU |
Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC with SPI Interface Quad, 16-/12-Bit nanoDAC with SPI Interface
|
Analog Devices
|
AD5660ARJZ-1500RL7 AD5660ARJZ-2500RL7 AD5660ARJZ-2 |
SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PDSO8 ROHS COMPLIANT, MO-178BA, SOT-23, 8 PIN Single, 12-/14-/16-Bit nanoDAC with 5 ppm/°C On-Chip Reference in SOT-23 Single, 12-/14-/16-Bit nanoDAC with 5 ppm/°C On-Chip Reference in SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AN8072 AN8072N |
Quad, 14-Bit nanoDAC® with 5ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Multi Output Power Supply Regulator Analog IC From old datasheet system
|
Panasonic Corporation Panasonic Semiconductor
|
AN80P52RSP AN80P22RSP AN80P20RSP AN80P32RSP AN80P1 |
Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Dual, 16-Bit nanoDAC® with I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: LFCSP (3x3mm); No of Pins: 10; Temperature Range: TBD 5-pin, low dropout voltage regulator with standby function (1 A type) 3.6 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO4
|
Panasonic Corporation Panasonic, Corp.
|
AD5620 |
(AD56x0) 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
AD5689RBRUZ AD5689RBRUZ-RL7 AD5689RBCPZ-RL7 |
Dual, 16-/12-Bit nanoDAC with 2 ppm/°C Reference, SPI Interface
|
Analog Devices
|
AD5626BRMZ-REEL7 AD5626BCPZ AD5626BCPZ-REEL7 AD562 |
5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
|
Analog Devices
|
AN8083S AN8083 |
Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial Quad, 14-Bit nanoDAC® with 5ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Low Voltage Operation IC for DC-DC Converter
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|