PART |
Description |
Maker |
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
15-31-1021 15-31-1061 |
Connector Housing; No. of Contacts:2; Pitch Spacing:4.8mm; No. of Rows:1; Series:5025; Connector Body Material:Nylon; Contact Termination:Crimp RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR Connector Housing; Number of Contacts:6; Pitch Spacing:4.8mm; Number of Rows:1; Series:5025; Connector Body Material:Nylon; Contact Termination:Crimp
|
Molex, Inc. MOLEX INC
|
45971-2515 0459712515 |
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle, 200 Circuits, 8.00mm (.314") Unmated Height, 10 Rows, With Pegs, Solder Charge垄芒 Lead Free 1.27mm (.050) by 1.27mm (.050) Pitch SEARAY* Receptacle, 200 Circuits, 8.00mm (.314) Unmated Height, 10 Rows, With Pegs, Solder Charge Lead Free
|
Molex Electronics Ltd.
|
LNA2606L |
HEADER, VERTICAL, 1ROW, 6WAY; Connector type:Wire-to-Board; Gender:Plug; Ways, No. of:6; Pitch, lead:2mm; Termination method:Solder; Material, contact:Brass; Plating, contact: Tin; Rows, No. of:1; Colour:White; Contacts, No. of:6; RoHS Compliant: Yes GaAlAs on GaAs Infrared Light Emitting Diode
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
45970-2115 0459702115 |
1.27mm (.050) x 1.27mm (.050) Pitch SEARAY* Plug, 200 Circuits, 2.00mm (.078) Unmated Height, 10 Rows, Lead Free 1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 200 Circuits, 2.00mm (.078") Unmated Height, 10 Rows, Lead Free
|
http:// Molex Electronics Ltd.
|
90143-0014 90143-0034 90143-0004 90143-0160 90143- |
Connector Housing; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:34; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg DR W/Pol Bttn 60Ckt 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg DR W/Pol Bttn 20Ckt
|
Molex, Inc. MOLEX INC
|
45971-2115 0459712115 |
1.27mm (.050) by 1.27mm (.050) Pitch SEARAY* Receptacle, 200 Circuits, 6.50mm (.255) Unmated Height, 10 Rows, With Pegs, Solder Charge?/a> Lead Free 1.27mm (.050) by 1.27mm (.050) Pitch SEARAY* Receptacle, 200 Circuits, 6.50mm (.255) Unmated Height, 10 Rows, With Pegs, Solder Charge Lead Free
|
http:// Molex Electronics Ltd.
|
22-11-2172 22-04-5109 22-04-5129 22-04-5198 22-04- |
Header, Vertical Friction Lock; Number of Contacts:17; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 19 Ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Gold 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 24CKT STRGHT PIN 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 23 Ckt Gold 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 15 Ckt Tin 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 11 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:21; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 03 Ckt Tin 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt 20 AU 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 13 Ckt Tin 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Gold 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 08 Ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Series:6373; Body Material:PA Polyamide (Nylon) 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 26 Ckt Tin 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:15; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 02 Ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 22 Ckt Gold 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 16 Ckt Tin Multipole Connector; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:6373; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Tin
|
Molex, Inc. MOLEX INC
|
90156-0149 90156-0147 |
Connector Housing; Number of Contacts:9; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
10-63-3044 10-63-3064 10-63-3054 10-63-3034 |
Connector Housing; Number of Contacts:4; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:5; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5/7.5MM KK SPOX HOUSING 519903 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
SD-45970-001 0459702611 45970-2611 |
1.27mm (.050) x 1.27mm (.050) Pitch SEARAY Plug, 200 Circuits, 5.00mm (.236) Unmated Height, 10 Rows
|
Molex Electronics Ltd. http://
|
52610-1071 52610-2671 52610-2271 MOLEXINC-52610-14 |
1.0 FPC ZIF SMT ST 10Ckt EmbsTp Pkg 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT CONN FFC/FPC 26POS 1MM VERT SMD 26 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT PC Board Connector; Number of Contacts:22; Pitch Spacing:1mm; Number of Rows:1; Gender:Receptacle; Series:52610; Body Material:PA Polyamide (Nylon) 4/6; Contact Material:Phosphor Bronze; Contact Plating:Tin Over Nickel
|
Molex, Inc. MOLEX INC
|
|