PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
MA4082 MA4051 MAZ40390H MAZ4200 MAZ42000H MAZ42000 |
DO-34-A1 Oscillator; Frequency:14.31818MHz; Frequency Tolerance:30ppm; Load Capacitance:50pF; Supply Voltage:5V; Crystal Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:14-DIP; No. of Pins:4 RoHS Compliant: Yes Hex Inverting Drivers 20-LCCC -55 to 125 Hex Inverting Drivers 14-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 Silicon planar type 33 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4-Bit Bidirectional Universal Shift Registers 16-CDIP -55 to 125 4.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 3.5 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 5.8 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8-Input Positive-NAND Gates 14-CDIP -55 to 125 7 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 8.2 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-34 Hex Drivers 14-CFP -55 to 125 18 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Hex Drivers 14-CDIP -55 to 125 17.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE USB interface embedded modem module V92, 56k data, fax and voice supports Linux, Windows, Mac O/S supports Linux CDC-ACM compliant Global telecom and safety compliant Small-signal device - Diodes - Zener Diodes
|
http:// Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
BZT52C47 BZT52C5V6 BZT52C5V1 BZT52C4V7 BZT52C51 BZ |
Surface mount Zener Diodes Hex Schmitt-Trigger Inverter 14-SSOP -40 to 125 3-Line To 8-Line decoder/Demultiplexer 16-SO -40 to 85 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC -40 to 125 22.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3-Line To 8-Line decoder/Demultiplexer 16-SOIC -40 to 85 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual 2-Line To 4-Line Decoder/Demultiplexer 16-SO -40 to 85 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG Microsemi, Corp.
|
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
BC858W BC860W BC846W BC847CW BC847BW BC848BW BC848 |
Low-Noise-Transistors - SOT323 package High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 NPN Silicon AF Transistors NPN AF硅晶体管 High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN硅晶体管自动对焦 High Speed CMOS Logic Quad 2-Input Multiplexers 16-SOIC -55 to 125 NPN硅晶体管自动对焦
|
INFINEON[Infineon Technologies AG]
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
630D |
125 Miniature, Axial Lead Aluminum Capacitors(工作温度-55℃到 125℃的微型轴向引线铝电
|
Vishay Intertechnology,Inc.
|
|