PART |
Description |
Maker |
NPH25S2415EI NPH25S4815EI NPH25S2412EI NPH25S4812E |
DC/DC CONVERTER 15V 1.7A DC/DC CONVERTER 12V 2.1A 直流/直流转换12V.1A DC/DC CONVERTER 3V 7.3A
|
Electronic Theatre Controls, Inc.
|
AD736JRZ-R7 AD736JR-REEL7 AD736AQZ |
20A, 12 Vin, 1.2 Vout Step Down Converter Evaluation Module RMS TO DC CONVERTER, 0.005 MHz, PDSO8 Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8 RMS TO DC CONVERTER, 0.005 MHz, CDIP8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
BH2223FV |
Video LSIs > For DVC > Tuning D/A converter 8bit 10ch D/A converter
|
ROHM[Rohm]
|
HT82V731 HT82V7318SOP |
Analog to Digital Converter 模数转换 Audio D/A Converter
|
HIROSE ELECTRIC Co., Ltd. HOLTEK[Holtek Semiconductor Inc]
|
LT3570EUFTRPBF |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
3570 LT3570 LT3570EFE-PBF LT3570EFE-TRPBF LT3570EU |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
TEN10-1215 TEN10-4823 TEN10-1210 TEN10-1211 TEN10- |
DC/DC Converter TEN 10 Series 10 Watt(52.28 k) DC/DC Converter 直流/直流转换
|
http:// TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|