PART |
Description |
Maker |
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
BD90535EFJ-CE2 |
2.69 to 5.5V, 1.5V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3542EDC-PBF LTC3542EDC-TRPBF LTC3542ES6-PBF LTC |
500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
ADP1876-EVALZ ADP1876 |
600kHz Dual Output Synchronous Buck PWM Controller Plus Linear Regulator 600 kHz Dual Output Synchronous Buck
|
Analog Devices
|
LTC3410ESC6-1.2 LTC3410ESC6-1.5 LTC3410ESC6-1.65 L |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3410BESC6-1.875TRMPBF |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3410-1.875 LTC3410ESC6-1.875 |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3407A-2-15 |
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
BD90532EFJ-CE2 BD90535EFJ-CE2 BD90538EFJ-CE2 |
2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3406B-2 LTC3406B-2ES5 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
|
http:// LINER[Linear Technology] Linear Technology Corporation
|