PART |
Description |
Maker |
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
SAB-80C537-16-N-T40/85 SAB80C537-16-N SAB80C537-16 |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz)
|
Infineon
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
P16F877 PIC16LF877 PIC16F87X PIC16F877 16F876 16F8 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers
|
MICROCHIP[Microchip Technology]
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
PIC16F747-I/ML PIC16F747-I/P PIC16F747-I/PT PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 word instructions) CMOS FLASH-based 8-bit microcontroller ... 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
Microchip
|
PIC12F615-E/MD PIC12F609-I/P PIC12F615-E/MDQTP PIC |
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers 8引脚闪存的基础上,8位CMOS微控制器 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers 8引脚闪存的基础上,8CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
SABC509-LM SABC509-LMBB SABC509-LMDB SAFC509-LM SA |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16MHz)
|
Infineon
|
C165 SAF-C165-LM SAB-C165-LM Q67121-C862 Q67121-C9 |
C16x-Family of High-Performance CMOS 16-Bit Microcontrollers 16-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP100
|
SIEMENS AG
|
TMP86CM41F |
CMOS 8-Bit Microcontrollers CMOS 8 BIT MICROCONTROLLER
|
Toshiba Semiconductor
|