PART |
Description |
Maker |
TL3301 |
TACT SWITCHES SMT - 6mm x 6mm
|
E-SWITCH
|
IRFHE4250D IRFHE4250DTRPBF |
25V Dual N-Channel FastIRFET HEXFET Power MOSFET in a PQFN 6mm x 6mm Lead Free package
|
International Rectifier
|
64322-1239 |
0.635mm (.025) CMC CP Female Terminal, Tin Plated, Selective 1.27μm Gold inContact Area, for Square 0.6mm x 0.6mm Pins, Wire Size 0.5mm2
|
Molex Electronics Ltd.
|
MIC5368-1.2YMT MIC5368-1.5YMT MIC5368-3.3YMT MIC53 |
High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF庐 High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF?
|
Micrel Semiconductor
|
STJW-667-RTR STJW-690-NTR STHW-660-N BOURNSINC-STM |
Sealed Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT Sealed Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, SURFACE MOUNT-STRAIGHT Switches 6mm SQ PC TACT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, THROUGH HOLE-STRAIGHT
|
Bourns, Inc.
|
DC0000113 |
Federleiste THR, Powerm. 6mm Female Con. THR, Powerm. 6mm
|
ERNI Electronics
|
ICX409AL |
Diagonal 6mm(Type 1/3) CCD Image Sensor for Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
|
Sony Corporation
|
APTD3216QBC_D APTD3216QBC APTD3216QBC-D APTD3216QB |
3.2 x 1.6mm SMD CHIP LED LAMP 3.2x1.6mm SMD CHIP LED LAMP
|
Kingbright Corporation. KINGBRIGHT[Kingbright Corporation]
|
PTS125SJK12LFS PTS125SJM43LFS PTS125SJM73LFS PTS12 |
12 mm Tact Switches
|
http:// ITT[ITT Industries]
|
TL3300AF260Q TL3300BF160Q TL3300CF320Q TL3300BF320 |
TACT SWITCHES
|
E-SWITCH
|
PTS63525SMTRLFS PTS635LSMTRLFS PTS635L25SMTRLFS PT |
3,5 mm Tact Switches
|
C&K Components
|