PART |
Description |
Maker |
TH-1535 |
RISC based HMI Computing Series
|
List of Unclassifed Manufacturers
|
EVALSP320SHMI |
SPEAr320S HMI evaluation board SPEAr320S expansion board for HMI applications
|
ST Microelectronics STMicroelectronics
|
EVALSPEAR320HMI |
SPEAr320 evaluation board for HMI applications EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
|
ST Microelectronics STMicroelectronics
|
CS420505 CS4201 CS4202 CS4205-KQZ CS4299 |
CrystalClear垄莽 Audio Codec 隆炉97 for Portable Computing CrystalClear? Audio Codec ?7 for Portable Computing
|
Cirrus Logic
|
UC-7402-LX UC-7402 |
RISC-based Ready-to-Run Embedded Network Computer with Dual Ethernet, PCMCIA, CompactFlash
|
ETC[ETC]
|
NA150 NA150-D5GM-1G-US |
Fanless Desktop RISC-based Network Appliance Platform with Marvell ARMADA 370 with 5 GbE Ports
|
Axiomtek Co., Ltd.
|
AT91SAM7S32 |
Atmels AT91SAM7S32 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. It ...
|
Atmel
|
AT91SAM7S64 |
Atmels AT91SAM7S64 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. It ...
|
Atmel
|
AT76C510 |
LAN with other wireless LANs (WLAN) and legacy LANs. VNET-B based bridges act as access points (AP) to the WLAN and communicate packets Ethernet to Wireless Bridge-on-a-Chip The AT76C510 is a highly integrated WLAN plus Internetworking device based on two ARM7TDMI?RISC processors, a 10/100 Ethernet MAC, USB, integrated 2 x 6K x 32-bit SRAM, 3.3V operation, 128- pin PQFP or TQFP package.
|
ATMEL Corporation
|
5962-0324601Q9A 5962-0324601QXC 5962-0324601V9A 59 |
Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor Integer Unit Based on SPARC V7 High-performance RISC Architecture
|
ATMEL Corporation
|
6ES7901-0BF00-0AA0 6ES7901.0BF00.0AA0 6GK15000.0EA |
SIMATIC HMI Touch Panel TP 070
|
Siemens Semiconductor Group
|
IDT79RV4650-100DP IDT79RV4650-100DPI IDT79RV4650-1 |
EMBEDDED 64-BIT ORION ? RISC MICROPROCESSOR Low-Cost 64-bit RISController w/DSP Capability DEMAK9S 64-BIT, 100 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 200 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 150 MHz, RISC PROCESSOR, PQFP208 EMBEDDED 64-BIT ORION RISC MICROPROCESSOR 64-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|