PART |
Description |
Maker |
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
HM628512BI HM628512BLFPI-7 HM628512BLFPI-8 HM62851 |
4 M SRAM (512-kword x 8-bit) Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Single Ic = 100 mA; Package: PG-SOT323-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R<sub>1</sub> (typ): 47.0 kOhm; R<sub>2</sub>: 47.0 k?; h<sub>FE</sub> (min): 70.0; V<sub>i (on)</sub> (min): 1.0 2mA / 0.3V;
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
STH300NH02L-6 |
N-channel 24 V, 0.95 mOhm typ., 180 A STripFET(TM) Power MOSFET in a H2PAK-6 package Automotive-grade N-channel 24 V, 0.95 typ., 180 A
|
ST Microelectronics STMicroelectronics
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
STL3N10F7 |
N-channel 100 V, 0.062 Ohm typ., 4 A, STripFET(TM) VII DeepGATE(TM) Power MOSFET in a PowerFLAT(TM) 2x2 package
|
ST Microelectronics
|
STP45N10F7 STI45N10F7 STD45N10F7 |
N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
|
STMicroelectronics
|
FCH22N60N |
N-Channel SupreMOSMOSFET 600V, 22A, 165m Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
|
Fairchild Semiconductor
|
STF11NM65N STFI11NM65N STD11NM65N STP11NM65N |
N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package N-channel 650 V, 0.425 Ω typ., 11 A MDmesh?II Power MOSFET in DPAK, TO-220FP, I2PAKFP and TO-220 packages N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET N-channel 650 V, 0.425 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in DPAK package
|
STMicroelectronics ST Microelectronics
|
STP45N65M5 STW45N65M5 STB45N65M5 STF45N65M5 |
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
|
STMicroelectronics
|