PART |
Description |
Maker |
RCR6CG-X-D20-T RCR6CG-X-D18-T |
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
|
Unisonic Technologies
|
IS1U60L IS1U60 |
Sensors with 1-Package Design of Remote Control Detecting Functions owing to OPIC
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
ADT7476A ADT7476AARQZ-REEL7 ADT7476AARQZ-REEL ADT7 |
dBCool™ Remote Thermal Controller and Voltage Monitor dBCool Remote Thermal Controller and Voltage Monitor From old datasheet system
|
AD[Analog Devices]
|
TMXW341 |
SAW Passband Filter - REMOTE CONTROL - RF 1 FUNCTIONS, 869.6 MHz, SAW FILTER
|
TEMEX
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
GSIFTB0755A GSIFTB0193A GSIFTB433E2 GSIFTB0460A GS |
1 FUNCTIONS, 167.5 MHz, SAW FILTER 1 FUNCTIONS, 70 MHz, SAW FILTER 1 FUNCTIONS, 433.92 MHz, SAW FILTER 1 FUNCTIONS, 300 MHz, SAW FILTER 1 FUNCTIONS, 159 MHz, SAW FILTER 1 FUNCTIONS, 81 MHz, SAW FILTER 1 FUNCTIONS, 260 MHz, SAW FILTER 1 FUNCTIONS, 40 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
RX2B |
remote controller
|
Silan Semiconductors
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
BLM21P221SGPT BLM21P221SGPB BLM41P600SPT BLM11P300 |
FERRITE, CHIP TYPE, 0.35 OHM RESISTANCE, 220 OHM IMPEDANCE @ 100MHZ, SMT 0805 1 FUNCTIONS, 2 A, FERRITE CHIP FLT, S/M, 0805, 2000MA, FERRITE BD 1 FUNCTIONS, 2 A, FERRITE CHIP COIL, BEAD FERRITE 060 OHMS @ 100MHZ SM, 1806 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 1 A, FERRITE CHIP 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
UT912D UT912D-S20-T UT912DL-S20-R UP2518-AE3-6-R U |
DECODERS FOR REMOTE CONTROLLER
|
http:// Unisonic Technologies UTC 友顺科技股份有限公司
|
|