PART |
Description |
Maker |
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
MCP3301NBSP MCP3301-CI-SN MCP3301 MCP3301-CI/MS MC |
The MCP3301 13-bit Analog to Digital Converter (ADC) features a full differential input and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input Low Power A/D Converter with SPI Serial Interface
|
MICROCHIP[Microchip Technology]
|
VR42050 |
POSITIVE VOLTAGE REGULATORS CONVERTER, DC/DC, 1O/P, 15W, 12V; Power rating:15W; DC/DC Converter O/P type:Single; Voltage, input max:75V dc; Voltage, input min:18V dc; Voltage
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FAWD-1205 FAWD-1205T FAWD-1212 FAWD-1212T FAWD-121 |
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
KWD-1205 KWD-1205T KWD-1212 KWS-1205 KWS-1209T KWS |
DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
WD101 WD105 WD200 WD102 WD506 WD100 WD103 WD104 WD |
DC/DC Converters DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load).
|
List of Unclassifed Man... International Power Sources ETC[ETC] List of Unclassifed Manufacturers
|
PS48-80MQ100C PS48-80PQ100C PS48-80TQ100C PS48-66P |
Hi-Rel DC-DC Standard Single Converter in a ATR package; A ATR2805S with Standard Packaging Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package 用户可编程ASIC的特殊功 User Programmable Special Function ASIC 用户可编程ASIC的特殊功
|
International Rectifier, Corp. Carlo Gavazzi
|
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
SS26 SS26AAA SS26ABA SS26ABC SS26BAA |
SS26 (SuperSIP) DC/DC converter 5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
|
C&D Technologies
|
AMR2803R3S AMR2805S AMR2812S AMR2815S AMR2812SEM A |
Hi-Rel DC-DC Rad-Tolerant Single Converter in a AMR package 30W; 28V input; single output; advanced analog radiation tolerant DC/DC converter
|
International Rectifier
|