PART |
Description |
Maker |
MLESD12A-1206A4 MLESD12A-1206A4-TP |
Multilayer Polymer ESD Suppressor
|
Micro Commercial Components Micro Commercial Compon...
|
MLSEP12A-0402-15 |
Multilayer Polymer ESD Suppressor
|
GOOD-ARK Electronics
|
3-6-1125 |
Copper Foil with Acrylic Adhesive
|
3M Electronics
|
T583D686M010AHE045P000 |
Tantalum, Polymer Tantalum, Space, T583, 68 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Aerospace, N/A, 45 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T520Y337M010ANE025 |
T520, Tantalum, Polymer Tantalum, 330 uF, 20%, 10 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
|
Kemet Corporation
|
T521X337M016ATE050 |
T521, Tantalum, Polymer Tantalum, 330 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 50 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T528W337M2R5ATE009 |
Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.5mm
|
Kemet Corporation
|
T530D227M010ATE010 |
Tantalum, Polymer Tantalum, Multi-Anode, T530, 220 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 10mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T543B107M006AHW025 |
Tantalum, Polymer Tantalum, COTS, T543_COTS, 100 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 25mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T543B127M006AHE035 |
Tantalum, Polymer Tantalum, COTS, T543_COTS, 120 uF, 20%, 6.3 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 35mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
|