PART |
Description |
Maker |
HD10 HD01 HD02 HD08 HD04 HD06 |
TRIAC-400V 25 AMP TRIAC,800V V(DRM),25A I(T)RMS,TO-220 RoHS Compliant: Yes Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Package/Case:TO-126; Current Rating:4A; Mounting Type:Through Hole Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:25mA; Package/Case:TO-220AB RoHS Compliant: Yes Triac; Package/Case:TO-48; Current, It av:40A; Mounting Type:Through Hole; Repetitive Reverse Voltage Max, Vrrm:400V; Current Rating:40A; Voltage 0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
SPC-06502-2R2 SPC-06502-270 SPC-06502-1R5 SPC-0650 |
SMD POWER INDUCTORS SMD功率电感 Thermal Magnetic Circuit Breaker; Current Rating:6A; Voltage Rating, AC:240V; Number of Poles:3; Mounting Type:DIN Rail
|
MICRO-ELECTRONICS[Micro Electronics]
|
B-4025 B-4025SR B-4025E B-4025Y |
LIGHT BAR Miniature PCB Fuse; Low breaking capacity; directly solderable; Voltage Rating: 250V; Current Rating: 3.15A; Characteristic: Time Lag
|
Electronic Theatre Controls, Inc.
|
5500.2004 5500.2124 5500.2010 5500.2125 |
Single Phase RFI Line Filter; Mounting Type: PCB Module; Voltage Rating: 250V; Current Rating: 6A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER Single Phase RFI Line Filter; Mounting Type: PCB Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER Single Phase RFI Line Filter; Mounting Type: PCB Module; Voltage Rating: 250V; Current Rating: 1A; Leakage Current Rating: 0.5 mA
|
SCHURTER AG SCHURTER INC
|
HCF4510 HCF4510B HCF4510BEY HCF4510BM013TR HCF4510 |
JOYSTICK, BUSH MOUNT, 5A; Current, contact rating:6A; Angle:12(degree); Centres, fixing:36mm; Current, contact @ contact voltage AC max:6A; Depth, external:44mm; Diameter, bush:22mm; IP rating:IP65; Length / Height, external:64mm; RoHS Compliant: Yes PRESETTABLE UP/DOWN COUNTERS 预置向上/向下计数
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
ST72T71N5B1 ST72T71J1B1 |
Leaded Cartridge Fuse; Current Rating:50mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Leaded Cartridge Fuse; Current Rating:312.5mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Length:8.89mm; Series:273 RoHS Compliant: NA 8位微控制
|
Intersil, Corp.
|