PART |
Description |
Maker |
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
TC624EOA TC622VAT TC622VPA TC624CPA TC622CPA TC622 |
LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR (TC622 / TC624) LOW COST SINGLE TRIP POINT TEMPERATURE SENSOR LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR 低成本,单跳变点温度传感
|
TelCom Semiconductor, I... TELCOM[TelCom Semiconductor, Inc] TelCom Semiconductor, Inc.
|
MC642.REV3 MC623DR2 |
3.0 V, Dual Trip Point Temperature Sensor 3.0 V的双跳变点温度传感器 3.0 V, Dual Trip Point Temperature Sensor
|
ONSEMI[ON Semiconductor]
|
TC623CCOA TC623CCPA TC623CVOA TC623CEOA TC623CEPA |
3V, Dual Trip Point Temperature Sensor
|
MICROCHIP[Microchip Technology]
|
6229A-30/BXAJC 6229A-35/BXAJC 6229A-45/BXAJC 6229A |
x4 SRAM Dual Trip SOT Temperature Switches Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220 x4的SRAM
|
NXP Semiconductors N.V.
|
MAX6508UT9155 MAX6508UT8255 MAX6508UT8255T MAX6508 |
Dual Trip SOT Temperature Switches
|
MAXIM - Dallas Semiconductor
|
MAX6642ATT9E-T MAX6642 MAX6642ATT90-T MAX6642ATT92 |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm 【1∑C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
4305 4306 4300 4301 4303 4304 4307 4302 4309 4308 |
Logic IC Remote Temperature Switches with Integrated Fan Controller/Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 7-Channel Precision Temperature Monitor 逻辑IC
|
3M Company
|
SA56004DDP SA56004ADP SA56004BD SA56004FDP SA56004 |
1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
|
NXP Semiconductors
|
MAX664208 MAX6642 MAX6642ATT90-T MAX6642ATT92-T MA |
【1∑C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 隆戮1隆?C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
Maxim Integrated Products
|