PART |
Description |
Maker |
MSSA1450R |
SLIDE SWITCH, SP4T, LATCHED, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE
|
|
MSSA1450G |
SLIDE SWITCH, SP4T, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT
|
|
204-211ST 204-125ST 204-123STR 204-126ST 204-3STR |
SWITCH DIP DPST 1POS SMT SLIDE DIP SWITCH-1SWITCHES, DPST, LATCHED,0.1A, 50VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-5SWITCHES, SPDT, LATCHED,0.1A, 50VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-3SWITCHES, SPDT, LATCHED,0.1A, 50VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-6SWITCHES, SPDT, LATCHED,0.1A, 50VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.1A, 50VDC, SURFACE MOUNT-STRAIGHT
|
CTS, Corp. CTS CORP
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
R50-CPCB36-01106S-S R50-CPCA36-01106S-S R50-CACA36 |
ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 28A, 0.2VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 28A, 0.2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 28A, 0.2VDC, PANEL MOUNT-THREADED ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 28A, 0.2VDC, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
219-10LPS 219-12MS 219-12LPS 219-4LPST 219-6LPST 2 |
Surface mount DIP Switch-Auto Placeable SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.1A, 20VDC, SURFACE MOUNT-STRAIGHT Surface mount DIP Switch-Auto Placeable SLIDE DIP SWITCH-12SWITCHES, SPST, LATCHED,0.1A, 20VDC, SURFACE MOUNT-STRAIGHT Surface Mount DIP Switch ?Auto Placeable SWITCH TAPE SEAL 7 POS SMD SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.1A, 20VDC, SURFACE MOUNT-STRAIGHT SWITCH TAPE SEAL 8 POS SMD SLIDE DIP SWITCH-6SWITCHES, SPST, LATCHED,0.1A, 20VDC, SURFACE MOUNT-STRAIGHT SMD DIP Switch
|
CTS, Corp. CTS Corporation
|
1-1571983-2 1-1571983-4 GDH08STR04 |
SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SLIDE DIP SWITCH-8SWITCHES, 8PST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT
|
|
SD04H0K SD02H0B |
SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.1A, 25VDC, THROUGH HOLE-STRAIGHT SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.1A, 25VDC, THROUGH HOLE-STRAIGHT
|
C & K COMPONENTS INC ITT CANNON
|
T22305B |
SLIDE SWITCH, SPST, LATCHED, PANEL MOUNT
|
ARCOLECTRIC
|
4-1437583-2 |
SLIDE DIP SWITCH-6SWITCHES, LATCHED,THROUGH HOLE-STRAIGHT
|
TYCO ELECTRONICS ALCOSWITCH
|
MSSA2450 |
SLIDE SWITCH, DP4T, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT
|
|
ADF04S |
SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,SURFACE MOUNT-STRAIGHT
|
TYCO ELECTRONICS ALCOSWITCH
|
|