PART |
Description |
Maker |
SKBB80C53300 SKBB40C3200_2200 SKBB250C2200 SKBB250 |
Miniature Bridge Rectifiers 微型桥式整流 Miniature Bridge Rectifiers 2.7 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Miniature Bridge Rectifiers 2.7 A, 900 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system
|
SEMIKRON[Semikron International]
|
CGRHD101-G CGRHD102-G CGRHD103-G CGRHD104-G CGRHD1 |
Bridge Rectifiers, V-RRM=50V, V-DC=50V, I-(AV)=1A Bridge Rectifiers, V-RRM=100V, V-DC=100V, I-(AV)=1A Bridge Rectifiers, V-RRM=200V, V-DC=200V, I-(AV)=1A Bridge Rectifiers, V-RRM=400V, V-DC=400V, I-(AV)=1A Bridge Rectifiers, V-RRM=600V, V-DC=600V, I-(AV)=1A Bridge Rectifiers, V-RRM=800V, V-DC=800V, I-(AV)=1A Bridge Rectifiers, V-RRM=1000V, V-DC=1000V, I-(AV)=1A
|
Comchip Technology
|
KBJ10A KBJ10B KBJ10K |
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
|
CHENG-YI ELECTRONIC CO., LTD.
|
CBR3A-P060 CBR10A-J080 CBR6A-080 CBR10A-J020 CBR10 |
Bridge Rectifiers, Controlled Avalanche 1.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 10 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 1.5 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers, Controlled Avalanche 3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Bridge Rectifiers/ Controlled Avalanche Leaded Bridge Rectifier Controlled Avalanche
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
GBU6D GBU6M GBU6A GBU6B GBU6G GBU6J GBU6K |
6.0 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电A,重复反相电压峰00V)) 6.0 Ampere Bridge Rectifiers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SKD28_06 SKD28_08 SKD28_12 SKD28_14 SKBH28 SKD28/1 |
Controllable Bridge Rectifiers 3 PHASE, 28 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Controllable Bridge Rectifiers 3 PHASE, 28 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Controllable Bridge Rectifiers 3 PHASE, 28 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
ABS1-HF ABS2-HF ABS05-HF ABS8-HF ABS10-HF ABS6-HF |
Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=800V, V<sub>DC</sub>=800V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=600V, V<sub>DC</sub>=600V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=400V, V<sub>DC</sub>=400V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=200V, V<sub>DC</sub>=200V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=1000V, V<sub>DC</sub>=1000V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=100V, V<sub>DC</sub>=100V, I<sub>AV</sub>=0.8A Halogen Free Bridge Rectifiers, V<sub>RRM</sub>=50V, V<sub>DC</sub>=50V, I<sub>AV</sub>=0.8A SMD Glass Passivated Bridge Rectifiers
|
Comchip Technology
|
GBPC1502-G GBPC1501-G GBPC2502-G GBPC2501-G GBPC15 |
Bridge Rectifiers, V<sub>RRM</sub>=600V, V<sub>DC</sub>=600V, I<sub>(AV)</sub>=35A Glass Passivated Bridge Rectifiers Bridge Rectifiers, V<sub>RRM</sub>=800V, V<sub>DC</sub>=800V, I<sub>(AV)</sub>=50A
|
Comchip Technology
|
KBP155G |
Bridge: Standard Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
|
Taiwan Semiconductor
|
S80 S380 S125 S250 S500 |
0.8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Surface Mount Si-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|
GBU805 GBU801 GBU804 GBU806 GBU807 GBU803 GBU802 |
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers Bridge: Standard
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
SKD30 SKD30_02A1 SKD30_04A1 SKD30_08A1 SKD30_12A1 |
Power Bridge Rectifiers 3 PHASE, 6.5 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
|