PART |
Description |
Maker |
HDSP-2133 HDSP-2131 HDSP-2132 HDSP-2179 |
HDSP-2133 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2132 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2131 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2179 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
2SD1963 |
Low saturation voltage. Excellent DC current gain characteristics.
|
TY Semiconductor Co., Ltd
|
2SC4548 |
High Breakdown Voltage Adoption of MBIT Process Excellent hFE Linearlity.
|
TY Semiconductor Co., Ltd
|
HY202XX01 |
20 CHAR X 2 LINE
|
HYES Optoelectronics, Inc.
|
HY164XX01 |
16 CHAR X 2 LINE
|
HYES Optoelectronics
|
HY082XX02 |
8 CHAR X 2 LINE
|
HYES Optoelectronics, Inc.
|
HY164XX01 |
16 CHAR X 4 LINE
|
HYES Optoelectronics, Inc.
|
HY162XX02 |
16 CHAR X 2 LINE
|
HYES Optoelectronics, Inc.
|
BD538 BD536 BD534 BD534J BD538K BD538KTU BD536J |
; Package/Case:3-TO-220; Current, It av:15A; Holding Current:70mA RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 2W; Custom Solutions Available; 1kVDC Medium Power Linear and Switching Applications PNP Epitaxial Silicon Transistor
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
Z88C00-20VSC Z88C00-25VEC Z88C00-20VEC Z88C01-25VE |
Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218X; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:4A; Holding Current:30mA Microcontroller 微控制器 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA 8位微控制
|
Maxim Integrated Products, Inc.
|
LCM-H01601DSR |
6.56mm CHAR, HEIGHT, 5x8 dot MATRIX, 16x1 LCD MODULE
|
LUMEX INC.
|
|