PART |
Description |
Maker |
FDPF15N65YDTU FDPF15N65 |
N-Channel UniFETTM MOSFET 650V, 15A, 440 m N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
|
Fairchild Semiconductor
|
FQE10N20LC FQE10N20LCTU |
200V N-Channel Advance Q-FET C-Series 200V Logic N-Channel MOSFET 4 A, 200 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-126
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STD5NB20 6365 |
N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET From old datasheet system N - CHANNEL 200V - 0.70 - 5A DPAK PowerMESH TM MOSFET N - CHANNEL 200V - 0.70 Ohm - 5A DPAK PowerMESH MOSFET
|
STMicroelectronics SGS Thomson Microelectronics
|
FQD10N20 FQU10N20 FQP10N20 FQ10N20 FQD10N20TM FQU1 |
200V N-Channel MOSFET CAP 3900PF 50V 1% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22 200 N-Channel MOSFET 200V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
FQT5N20 |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 1A I(D) | SOT-223 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 1A条(丁)|的SOT - 223 200V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD18N20LZ |
N-Channel UniFETTM MOSFET
|
Fairchild Semiconductor
|
IXTL15N20 IXTL8P40 IXTL5N65 IXTL5P40 IXTL6N60 IXTM |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 15A I(D) | TO-254 TRANSISTOR | MOSFET | P-CHANNEL | 400V V(BR)DSS | 8A I(D) | TO-254 TRANSISTOR | MOSFET | P-CHANNEL | 400V V(BR)DSS | 5A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 6A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 950V V(BR)DSS | 5A I(D) | TO-204AC TRANSISTOR | MOSFET | N-CHANNEL | 950V V(BR)DSS | 5A I(D) | TO-247 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 24A I(D) | TO-254 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 15A I(D) | TO-218VAR TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 6A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 6A条(丁)| TO - 220AB现有 TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 10A I(D) | TO-254 晶体管| MOSFET的| P通道| 200伏五(巴西)直| 10A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 650V V(BR)DSS | 5A I(D) | TO-254 晶体管| MOSFET的| N沟道|650V五(巴西)直| 5A条(丁)|54 TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 7A I(D) | TO-3 晶体管| MOSFET的| P通道| 150伏五(巴西)直| 7A条(丁)| TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-210AC 晶体管| MOSFET的| N沟道| 500V五(巴西)直|3A条(丁)|10AC TRANSISTOR | MOSFET | P-CHANNEL | 500V V(BR)DSS | 5A I(D) | TO-220 晶体管| MOSFET的| P通道| 500V五(巴西)直| 5A条(丁)|220
|
MITSUMI ELECTRIC CO., LTD. Infineon Technologies AG HIROSE ELECTRIC Co., Ltd.
|
FDP5N50NZ FDPF5N50NZ |
N-Channel UniFETTM II MOSFET 500V, 4.5A, 1.5
|
Fairchild Semiconductor
|
FQT4N20L FQT4N20LTF |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET 0.85 A, 200 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFU9220 IRFR9220 IRFR9220TRR IRFR9220PBF IRFR9220 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package -200V Single P-Channel HEXFET Power MOSFET in a D-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A) 3.6 A, 200 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier] VISHAY INTERTECHNOLOGY INC
|
IRF240 |
200V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 200V, N-CHANNEL REPETITIVE AVALANCHE AND dv/dt RATED
|
IRF[International Rectifier]
|