PART |
Description |
Maker |
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
ZFDC-20-5-N ZFDC-20-5-S ZFDC-20-5 |
Directional Coupler 0.1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX
|
MINI[Mini-Circuits]
|
JXWBSO-T-1000-3100-31-300 |
Dual Directional Coupler
|
American Accurate Components, Inc.
|
LRDC-10-1-75 |
Directional Coupler 75Ω 5 to 600 MHz Directional Coupler 75惟 5 to 600 MHz Directional Coupler 75ヘ 5 to 600 MHz
|
http:// Mini-Circuits
|
ADC-20-4-75R |
Directional Coupler 75楼? 40 to 1000 MHz Directional Coupler 75惟 40 to 1000 MHz Directional Coupler 75Ω 40 to 1000 MHz
|
Mini-Circuits
|
JXWBOH-T-3680-3720-20 |
Coaxial Dual Directional Coupler
|
American Accurate Components, Inc.
|
0898CD15D1748 |
898/1748 MHz Dual Band Directional Coupler
|
Johanson Technology Inc.
|
0898CD15C1748 |
890/1748 MHz Dual Band Directional Coupler
|
Johanson Technology Inc.
|
DCPL-WB-00C2 |
Wide-band, dual-path directional coupler with ISO port
|
STMicroelectronics
|
BDCA1-10-40 |
Surface Mount Bi-Directional Coupler High Power, 50з 1600 to 4000 MHz 1600 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.4 dB INSERTION LOSS-MAX Surface Mount Bi-Directional Coupler High Power, 50 1600 to 4000 MHz Surface Mount Bi-Directional Coupler High Power/ 50 1600 to 4000 MHz
|
MINI[Mini-Circuits]
|