PART |
Description |
Maker |
AAT3532 AAT3532IAS-B1 AAT3532IAS-T1 |
MicroPower?/a> Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit MicroPower Microprocessor Reset Circuit TRANSFORMER, 250VA, 2 X 60-55-0-55-60; Power, AC:250VA; Voltages, primary:0-240-380-415; Voltages, secondary:60-55-0-55-60, 60-55-0-55-60; Power, per secondary winding:125VA; Centres, fixing LxW:92 x 75 x 6 dia; Depth, RoHS Compliant: Yes MicroPowerMicroprocessor Reset Circuit Quad 2-input positive-AND gates with open collector outputs 14-PDIP 0 to 70 微功耗微处理器复位电路⑩
|
ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
AAT3519 AAT3510 AAT3510IGV-2.63-C-C-T1 AAT3510IGV- |
Micropower μP Reset with Watchdog Timer Micropower 渭P Reset with Watchdog Timer Micropower 楼矛P Reset with Watchdog Timer Micropower uP Reset with Watchdog Timer Micropower レP Reset with Watchdog Timer
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
CS8101YD8 CS8101-D |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low DropoutLinear Regulator with RESETbar and ENABLEbar Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with Inverted RESET and Inverted ENABLE
|
On Semiconductor
|
APR3101-15BC-TR APR3101-15BI-TR APR3101-17BC-TR AP |
1.5 V, micropower microprocessor reset circuit with manual reset 1.75 V, micropower microprocessor reset circuit with manual reset 2.32 V, micropower microprocessor reset circuit with manual reset 2.63 V, micropower microprocessor reset circuit with manual reset 2.93 V, micropower microprocessor reset circuit with manual reset 3.08 V, micropower microprocessor reset circuit with manual reset 3.9 V, micropower microprocessor reset circuit with manual reset 4.38 V, micropower microprocessor reset circuit with manual reset
|
ANPEC Electronics Corporation
|
CS8101YTVA5 CS8101YTHA5 CS8101 CS8101YD8 CS8101YDR |
Micropower 5V/ 100mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] N.A. ZF Electronics Corporation
|
APR300245BI-TRG APR300145BI-TRG APR300345BI-TRG AP |
MicroPower Microprocessor Reset Circuit
|
Anpec Electronics Corop...
|
AAT3524 AAT3520 |
MicroPower Microprocessor Reset Circuit with Delay
|
Analogic Tech
|
TS83101 TS831-3ID TS831-3IDT TS831-3IPT TS831-4ID |
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
|
ST Microelectronics STMicroelectronics
|
FT8010MPX FT8010UMX |
Reset Timer with Configurable Delay Time
|
Fairchild Semiconductor
|
NCV8506 NCV8506D2TADJ NCV8506D2TADJR4 NCV8506D2T25 |
Micropower 400 mA LDO Linear Regulators with DELAY and RESET
|
ONSEMI[ON Semiconductor]
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|