PART |
Description |
Maker |
MX29LV640BBTC-12G MX29LV640BTXBI-12G MX29LV640BTXB |
64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PBGA63 64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PBGA63 64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
MBM29LV651UE12TR MBM29LV651UE90TR MBM29LV651UE-12 |
64M (4M x 16) BIT 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 64M (4M x 16) BIT 64M号(4米16)位 AGM3224D equivalent, 320 x 240 pixel format 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 DC-DC Converter; Supply Voltage:12V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:20W; Mounting Type:PC Board; Series:WPN20R 320 x 240 pixel format, LED or CFL Backlight
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
MX28F640C3TXAC-90 MX28F640C3TTC-12 MX28F640C3TTI-1 |
64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PBGA48
|
Macronix International Co., Ltd.
|
MX28F640C3BTTC-12 MX28F640C3BBTI-12 MX28F640C3BBTC |
64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
HY27LF081G2M-TCP HY27LF081G2M-TCS HY27LF161G2M-TCB |
Inductor; Inductor Type:Power; Inductance:2uH; Inductance Tolerance: 25 %; Series:CTX; Package/Case:PCB Surface Mount; Core Material:Amorphous Metal; Current, lt rms Parallel:7.26A; Current, lt rms Series:3.63A RoHS Compliant: Yes 3.3V Differential Transceiver 8-PDIP -40 to 85 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 128M X 8 FLASH 1.8V PROM, 30 ns, PDSO48 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 64M X 16 FLASH 1.8V PROM, 30 ns, PDSO48 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 64M X 16 FLASH 3.3V PROM, 30 ns, PDSO48 CONNECTOR ACCESSORY 128M X 8 FLASH 3.3V PROM, 30 ns, PDSO48 CONNECTOR ACCESSORY 64M X 16 FLASH 1.8V PROM, 30 ns, PDSO48 Power Heater Soldering Tip; Tip/Nozzle Style:Chisel; Tip/Nozzle Thickness:0.2"; Tip/Nozzle Size:0.40 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 COILTRONICS RoHS Compliant: Yes 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 Power Heater Soldering Tip; Tip/Nozzle Style:Chisel; Tip/Nozzle Thickness:0.1"; Tip/Nozzle Size:0.43 RoHS Compliant: Yes 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
S29CD032J0MFAM033 S29CD016J0MQFM130 S29CD016J0PQFM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 1M X 32 FLASH 2.7V PROM, 54 ns, PBGA80 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 1M X 32 FLASH 3.3V PROM, 54 ns, PBGA80
|
Spansion, Inc. SPANSION LLC
|
JS48F4400P0VB00 PF48F2000P0ZBQ0A JS28F128P30B85B P |
32M X 16 FLASH 1.8V PROM, 95 ns, PDSO56 14 X 20 MM, LEAD FREE, TSOP-56 4M X 16 FLASH 1.8V PROM, 88 ns, PBGA88 8 X 10 MM, 1.20 MM HEIGHT, LEAD FREE, SCSP-88 8M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
AT45DB642D-CU AT45DB642D09 AT45DB642D-CNU-SL954 AT |
64M X 1 FLASH 2.7V PROM, DSO8 6 X 8 MM, 1 MM HEIGHT, 1.27 MM PITCH, GREEN, CASON-8 64-megabit 2.7-volt Dual-interface DataFlash
|
Atmel, Corp. 聚兴科技股份有限公司 ATMEL Corporation
|
AS8FLC1M32BP-70/IT AS8FLC1M32BQ-100/XT AS8FLC1M32B |
1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HERMETIC SEALED, CERAMIC, HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68 1M X 32 FLASH 3V PROM, 120 ns, CQFP68
|
Micross Components
|
CAT28F001N-15TT CAT28F001P-70B CAT28F001N-15BT CAT |
128K X 8 FLASH 12V PROM, 150 ns, PDIP32 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 x8 Flash EEPROM x8闪存EEPROM 1 Megabit CMOS Boot Block Flash Memory
|
Ironwood Electronics Atmel, Corp. Rectron Semiconductor http://
|
S29GL064A11TFIR20 S29GL064A11TFIR22 S29GL016A10FAI |
4M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 100 ns, PDSO56 2M X 16 FLASH 3V PROM, 100 ns, PBGA56 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:48-TSOP; Memory Configuration:64K x 16; Memory Size:64MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 100 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
|