PART |
Description |
Maker |
LT6600-2.5 LT6600-15 LT6600-10 LT6600-20 LTC6400-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
LTC6400-14 LTC6400CUD-14-PBF LTC6400CUD-14-TRPBF L |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology
|
MAX2645 |
3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
|
MAXIM - Dallas Semiconductor
|
Q62702-F527 BFQ28 |
LOW NOISE NPN SILICON MICROWAVE TRANSISTOR UP TO 4GHz
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PE3340 PE3340EK 3340-00 3340-11 3340-12 |
3.0 GHz Integer-N PLL for Low Phase Noise Applications
|
Peregrine Semiconductor... PEREGRINE[Peregrine Semiconductor Corp.]
|
LTC6946-15 |
Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
|
Linear Technology
|
SA8027 SA8027DH SA8027W |
2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
|
PHILIPS[Philips Semiconductors]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADF4217L ADF4218L ADF4219L |
Low Power Dual RF/IF Integer-N PLL
|
Analog Devices
|
NRF2401A |
Low power 2.4GHz RF Transceiver IC
|
Nordic Semiconductor ASA
|
BC559B BC560C ON0153 BC559C BC559BZL1 |
Low Noise Transistor PNP Low Noise Transistors CASE 29-04, STYLE 17 TO-2 (TO-226AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|