PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N3055MJ2955 MJ2955 2N3055 ON0038 2N3055_MJ2955 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 120 VOLTS 115/ 180 WATTS 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS 15安培功率晶体管互补性的芯片6015 Complementary SlllconPower Translstors From old datasheet system
|
ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BDX33B BDX34C BDX34B ON0204 BDX33C |
From old datasheet system 10 AMPERE COMPLEMENTARY Darlington Complementary Silicon Power Transistors
|
Motorola Inc ON Semiconductor Motorola, Inc
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
MJ2955 2N3055 4079 |
COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2N6040 2N6045 2N6044 2N6041 2N6042 2N6043 2N6040-D |
COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors
|
http:// Central Semiconductor Corp ONSEMI[ON Semiconductor]
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|
TIP41 TIP42BG TIP41BG TIP41AG TIP41CG TIP42AG TIP4 |
Complementary Silicon Plastic Power Transistors 6 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Rectron Semiconductor
|