PART |
Description |
Maker |
BDW93B BDW93A BDW93C |
Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
|
Bourns Electronic Solut...
|
REC-14LH REC-16LH |
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Unsealed, Designed for High Pressure Chamber of Cylinders, High Accuracy, Very Good Repeatability
|
Vishay
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MJF31C MJF32C MJF31C-D |
Complementary Silicon Plastic Power Transistors for Isolated Package Applications 3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS
|
ONSEMI[ON Semiconductor]
|
TIP111 TIP110 TIP117 TIP112 TIP115 TIP116 ON2978 |
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
IS9-1715ARH/PROTO 5962F0052101VXC 5962F0052101QXC |
Complementary Switch FET Driver, Rad-Hard Radiation Hardened Complementary Switch FET Driver 3 A BUF OR INV BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
MJL0281A MJL0281AG MJL0302A MJL0302AG JL0281AG |
Complementary Power Transistors Complementary NPN-PNP Power Bipolar Transistors
|
ON Semiconductor
|
D44H06 D45H8G D44H D44H11 D44H11G D44H8 D44H8G D45 |
Complementary Silicon Power Transistor(互补型PNP硅功率晶体管) Complementary Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
CFB949AQ CFD1275AQ CFB949AP CFD1275AP CFD1275R CFB |
2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AQ 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949AQ 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275AP 2.000W Power NPN Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFB949AP 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 2500 hFE. Complementary CFB949R 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275 2.000W Power PNP Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 4000 - 10000 hFE. Complementary CFD1275P 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFD1275AR 2.000W Power PNP Plastic Leaded Transistor. 80V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFD1275A 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 1000 - 10000 hFE. Complementary CFB949 2.000W Power NPN Plastic Leaded Transistor. 60V Vceo, 2.000A Ic, 2000 - 5000 hFE. Complementary CFB949Q
|
Continental Device India Limited
|