PART |
Description |
Maker |
TC6H207 TC6H286 TC6H287 TC6H138 TC6H607 |
Low ESR Tantalum Modules
|
AVX
|
TCP |
Low ESR Tantalum Modules
|
AVX
|
TC2H447 TC2H946 TC2H945 TC2H207 TC2H667 TC2H666 |
Low ESR Tantalum Modules
|
AVX
|
594D150X0-004C2T 594D330X9-6R3B2T 594D156X-035D2T |
Solid Tantalum Chip Capacitors;
TANTAMOUNT®
Low ESR; Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
|
http:// Vishay Intertechnology,Inc. Vishay Siliconix
|
591D156X016B215H 591D156X016D215H 591D156X020C215H |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
T495B106K010ATE600 |
T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 600 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T591B107M004ATE070 |
T591, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, 70 mOhms, 3528, Height Max = 2.1mm
|
Kemet Corporation
|
TR3D106 TR3D107 TR3D156 TR3D157 TR3D225 TR3D226 TR |
Solid Tantalum Surface Mount Capacitors TANTAMOUNT㈢ Molded Case, Low ESR Solid Tantalum Surface Mount Capacitors TANTAMOUNT垄莽 Molded Case, Low ESR
|
Vishay Siliconix
|
TPME226XXXXXXXXX TPME107XXXXXXXXX TPME228XXXXXXXXX |
Tantalum Ultra Low ESR Capacitor
|
AVX Corporation
|
T495X475K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T495D336K025ATE300 |
Tantalum, MnO2 Tantalum, T495, 33 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495X476K025ATE150 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
|