PART |
Description |
Maker |
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRKL71_12A IRKL71_12AS90 IRKL71_08A IRKL71_08AS90 |
149.15 A, 1200 V, SCR, TO-240AA THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR 晶闸二极管和晶闸晶闸 (IRKT71 / IRKT91) THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR 1000V 95A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package 1600V 75A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a ADD-A-Pak package
|
International Rectifier, Corp. Intersil, Corp. IRF[International Rectifier] http://
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VSKT430-16PBF VSKT430-18PBF VSKT430-20PBF VSKT4301 |
Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 430 A
|
Vishay Siliconix
|
VSKT500-16PBF VSKT500-08PBF VSKT500-12PBF VSKT500- |
Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAK Power Modules), 500 A
|
Vishay Siliconix
|
VSKT136 VSKT136-04PBF VSKT136-08PBF VSKT13610 VSKT |
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
|
Vishay Siliconix
|
NKT500 |
Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
|
Nell Semiconductor Co., Ltd
|
VSKTF200-12HKP VSKTF200-12HKP10 VSKTF200-08HKP |
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
|
http:// Vishay Siliconix
|
NKH200A NKT200-16A NKT200A |
Thyristor/Diode and Thyristor/Thyristor, 200A(New INT-A-PAK Power Modules)
|
Nell Semiconductor Co., Ltd
|
VSKT71 VSKT9216P VSKT9216S90P VSKT9116P VSKT9116S9 |
Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 75/95 A
|
Vishay Siliconix
|
WG25025SM WG8028S WG5028S WG30028S WG5030S WG8030S |
THYRISTOR|GTO|TO-200AC THYRISTOR|GTO|2.8KV V(DRM)|TO-200VAR74 THYRISTOR|GTO|1.2KV V(DRM)|TO-200VAR51 THYRISTOR|GTO|TO-200AE 晶闸管| GTO的|00AE THYRISTOR|GTO|TO-200VAR112 晶闸管| GTO的|00VAR112 THYRISTOR|GTO|TO-200VAR50W 晶闸管| GTO的|200VAR50W THYRISTOR|GTO|TO-200VAR74W 晶闸管| GTO的|00VAR74W THYRISTOR|GTO|1.4KV V(DRM)|TO-200VAR51
|
Electronic Theatre Controls, Inc. Diodes, Inc. Cornell Dubilier Electronics, Inc. Toshiba, Corp.
|
P19 2XP19_190 2XP19_90 2XP19/90 2XP19/190 |
For capsule devices 对于胶囊设备
|
SEMIKRON[Semikron International]
|