PART |
Description |
Maker |
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
SI4982DY SI4982DY-T1 |
2.6 A, 100 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET Dual N-Channel 100-V (D-S) MOSFET Dual N-Channel, 100-V, (D-S) Rated MOSFET
|
VISHAY INTERTECHNOLOGY INC VISAY[Vishay Siliconix]
|
PSMN034-100PS |
N-channel 100 V 34.5 m惟 standard level MOSFET in TO220. N-channel 100 V 34.5 mΩ standard level MOSFET in TO220. N-channel 100 V 34.5 m standard level MOSFET in TO220. 32 A, 100 V, 0.0345 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
SUV85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
|
VISAY[Vishay Siliconix]
|
SUP85N10-10 SUB85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel MOSFET N-Channel 100-V (D-S) 175 MOSFET
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
FDS3992 |
N-Channel PowerTrench MOSFET 100V, 4.5A, 62mз 4.5 A, 100 V, 0.062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench MOSFET 100V/ 4.5A/ 62m
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF9643-001PBF IRF9643-003PBF IRF9643-005PBF IRF96 |
9 A, 150 V, 0.7 ohm, P-CHANNEL, Si, POWER, MOSFET 8.7 A, 350 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 1.75 A, 150 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 1.75 A, 200 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 27 A, 100 V, 0.099 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 3 A, 100 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 150 V, 2.4 ohm, P-CHANNEL, Si, POWER, MOSFET 2.5 A, 100 V, 1.6 ohm, P-CHANNEL, Si, POWER, MOSFET 3.5 A, 150 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 11 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
VISHAY INTERTECHNOLOGY INC
|
FQI55N10 FQB55N10 |
100V N-Channel MOSFET 55 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|