PART |
Description |
Maker |
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
15-83-0516 |
Connector; No. of Contacts:16; Pitch Spacing:0.05"; No. of Rows:1; Mounting Type:Cable; Gender:Plug 16 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Molex, Inc.
|
71292-201F 71292-202F 71292-204F 71292-001 71292-0 |
SCA2 PLUG CONNECTOR STRADDLE MOUNT 40 CONTACT(S), MALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG
|
FCI connector
|
15-92-2080 15-92-2430 15-92-2050 |
CONN 80P VERT PLUG SCA 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 30CKT EBBI VERT PLUG A716611330 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 15922050 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
M2S56D20AKT-75 M2S56D30AKT-75 M2S56D40AKT-75 M2V56 |
JT 13C 13#22D SKT GRND PLUG Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No JT 6C 6#22D SKT PLUG 256M Double Data Rate Synchronous DRAM 256M双数据速率同步DRAM
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
DB-25P-F179TI DBUE-25SAD DBUE-25PFOTI |
25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, WIRE WRAP, PLUG 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, CRIMP AND POKE, PLUG
|
CINCH CONNECTORS
|
890-012-25PT-BRST 890-013-9PA2-BRST 890-013-9PS-BR |
Nanominiature Connectors Single Row Right Angle Surface Mount PCB 37 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, SURFACE MOUNT, PLUG 25 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, SURFACE MOUNT, PLUG 9 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, SURFACE MOUNT, PLUG 21 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, SURFACE MOUNT, PLUG 51 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, SURFACE MOUNT, PLUG 31 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, SURFACE MOUNT, PLUG
|
Glenair, Inc.
|
44157-0001 |
MiniFitJr BMI Panel MT. Plug 5 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
03-09-1064 03-09-2061 03-09-6061 03-09-7062 |
Circular Connector; Series:1261R; Gender:Female; Number of Contacts:6 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN PLUG 6POS .093 PANEL MOUNT 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG 093 Pwr Conn Rcpt Black Ears/Lk 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|