PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IRGSL4B60KD1 IRGS4B60KD1 IRGB4B60KD1 |
600V Low-Vceon Non Punch Through Copack IGBT in a TO-262 package 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package 600V Low-Vceon Non Punch Through Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
3MBI150U-120 |
IGBT Module U-Series 1200V / 150A 3 in one-package 1200V / 150A 3 in one-package 200 A, 1200 V, N-CHANNEL IGBT
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc. Fuji Electric Holdings Co., Ltd.
|
IXGA30N60C3 IXGH30N60C3 IXGP30N60C3 |
GenX3 600V IGBT 60 A, 600 V, N-CHANNEL IGBT, TO-247AD PLASTIC PACKAGE-3
|
IXYS Corporation IXYS, Corp.
|
IRGB20B60PD1 |
600V Warp2 150kHz Copack IGBT in a TO-247AC package SMPS IGBT
|
International Rectifier
|
1MBC10D-060 |
Fuji Discrete Package IGBT 20 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
CPV364MM |
Short Circuit Rated Fast IGBT 短路额定快速IGBT 600V 3-Phase Bridge IGBT in a IMS-2 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SGP23N60UFTU |
Discrete, High Performance IGBT; Package: TO-220; No of Pins: 3; Container: Rail 23 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
Fairchild Semiconductor, Corp.
|
IRG4PSH71U IRG4PSH71UPBF |
99 A, 1200 V, N-CHANNEL IGBT INSULATED GATE BIPOLAR TRANSISTOR 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package
|
IRF[International Rectifier]
|
IRGB6B60K IRGS6B60K IRGSL6B60K |
600V UltraFast 10-30 kHz IGBT in a TO-220AB package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IKB01N120H2E3045A IKP01N120H2 |
IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT D2Pak IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT TO220 1200V HighSpeed2 IGBT and 600V HighSpeed IGBT with antiparallel fast recovery EmCon™ diode in only one package.
|
Infineon
|
IRGB10B60KD IRGSL10B60KD IRGS10B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|