PART |
Description |
Maker |
NPT35015 |
Gallium Nitride 28V, 18W RF Power Transistor
|
M/A-COM Technology Solution...
|
NPTB00050 NPTB00050-15 |
Gallium Nitride 28V, 50W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
NPT25015 NPT25015-15 |
Gallium Nitride 28V, 23W RF Power Transistor Thermally-enhanced industry standard package
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution... M/A-COM Technology Solu... List of Unclassifed Man...
|
AML811P5011 |
Gallium Nitride (GaN)
|
Microsemi
|
NPT2019 |
Gallium Nitride 48V, 25W, DC-6 GHz HEMT
|
M/A-COM Technology Solutions, Inc.
|
CRCC1206100F100KEA CRCC1206100F100KTF CRCC1206100F |
RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 22ohm, 50V, 0.000022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.0001uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.000015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00027uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 510000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 910000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 Thick Film, Rectangular, Resistor/Capacitor Chip
|
Vishay Siliconix VISHAY DALE
|
D1053 D1053UK |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(50W-28V-1GHz,Push-Pull)(镀金多用DMOS射频硅场效应50W-28V-1GHz,推挽) 金镀金属多功能硅的DMOS射频场效应管50 28V 1GHz的,推挽式)(镀金多用的DMOS射频硅场效应管(50 28V 1GHz的,推挽式) METAL GATE RF SILICON FET
|
3M Company SEME-LAB[Seme LAB]
|
WP710A10ID5V |
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
|
Kingbright Corporation
|
KB25MKG01B05BB KB25MKG01B12A KB25MKW01-05-A KB25MK |
0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V) Miniature Pushbuttons
|
Nihon Kaiheiki Industry Co. Ltd.
|
RFP-375375N6Z50-2 |
Aluminum Nitride Terminations
|
Anaren Microwave
|
|