PART |
Description |
Maker |
NPT2018 NPT2018-15 |
Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT Industry Standard Plastic Package
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu... List of Unclassifed Man...
|
AML056P4511 |
Gallium Nitride (GaN)
|
Microsemi
|
NPTB00004 |
Gallium Nitride 28V, 5W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution...
|
NPT35015 |
Gallium Nitride 28V, 18W RF Power Transistor
|
M/A-COM Technology Solution...
|
NPT25015 NPT25015-15 |
Gallium Nitride 28V, 23W RF Power Transistor Thermally-enhanced industry standard package
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution... M/A-COM Technology Solu... List of Unclassifed Man...
|
STK4432 |
AF Power Amplifier (25W 25W min, THD = 1.0%) From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
TDA7490 |
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
|
STMicroelectronics
|
HHD25ZEB HHD25ZED HHD20YGE HHD20ZGB HHD20ZGE |
Coaxial Cable; Coaxial RG/U Type:402; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes HHD25系列20/25A,半砖DC / DC转换器输入双输出4V/48V HHD25 Series . 20/25A/ Half-Brick DC/DC Converter 24V/48V Input Dual Output HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output HHD25系列20/25A,半砖DC / DC转换器输入双输出4V/48V
|
GE Security, Inc. POWER-ONE[Power-One]
|
2SA671 2SA671C |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 POWER TRANSISTORS(3.0A,50V,25W) 功率晶体管(3.0A的的50V5瓦) POWER TRANSISTORS(3.0A/50V/25W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
RFP-10N50TV |
Aluminum Nitride Terminations
|
Anaren Microwave
|
RFP-100N50TW |
Aluminum Nitride Terminations
|
Anaren Microwave
|
RFP-375375N6X50-2 |
Aluminum Nitride Terminations
|
Anaren Microwave
|