PART |
Description |
Maker |
NPT2019 |
Gallium Nitride 48V, 25W, DC-6 GHz HEMT
|
M/A-COM Technology Solutions, Inc.
|
NPT2018 NPT2018-15 |
Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT Industry Standard Plastic Package
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu... List of Unclassifed Man...
|
NPTB00050 NPTB00050-15 |
Gallium Nitride 28V, 50W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
WP7113ID5V13 |
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
|
Kingbright Corporation
|
WP710A10ID5V |
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
|
Kingbright Corporation
|
HHD25ZEB HHD25ZED HHD20YGE HHD20ZGB HHD20ZGE |
Coaxial Cable; Coaxial RG/U Type:402; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes HHD25系列20/25A,半砖DC / DC转换器输入双输出4V/48V HHD25 Series . 20/25A/ Half-Brick DC/DC Converter 24V/48V Input Dual Output HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output HHD25系列20/25A,半砖DC / DC转换器输入双输出4V/48V
|
GE Security, Inc. POWER-ONE[Power-One]
|
W4NRD0X-0000 W4NRD8C-U000 W4NXD8C-0000 W4NXD8C-L00 |
Diameter: 50.8mm; LCW substrates; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; ultra-low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; standatd mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; select mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 76.2mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; lsemi-insulating (prototype); 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition
|
CREE POWER
|
DGS10-022AS |
Gallium Arsenide Schottky Rectifier 9 A, 220 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-263AB
|
IXYS, Corp.
|
DGS9-03AS DGS10-03A |
Gallium Arsenide Schottky Rectifier 11 A, 300 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AC
|
IXYS, Corp. IXYS[IXYS Corporation]
|
RFP-250375N6X50-2 |
Aluminum Nitride Terminations
|
Anaren Microwave
|
MGR2018CT_D ON1880 MGR2018CT |
Power Manager Gallium Arsenide Power Rectifier From old datasheet system GALLIUM ARSENIDE RECTIFIER 20 AMPERES 180 VOLTS
|
MOTOROLA[Motorola, Inc] ON Semi
|
MGR2025CT MGR2025CT_D ON1881 |
From old datasheet system GALLIUM ARSENIDE RECTIFIER 20 AMPERES 250 VOLTS Power Manager Gallium Arsenide Power Rectifier
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi
|