PART |
Description |
Maker |
AB80-C1500RG AB380-C1500RG AB250-C1500RG AB40-C150 |
200 V, 1.5 A Avalanche glass passivated bridge rectifier 900 V, 1.5 A Avalanche glass passivated bridge rectifier 600 V, 1.5 A Avalanche glass passivated bridge rectifier 100 V, 1.5 A Avalanche glass passivated bridge rectifier
|
EIC discrete Semiconductors
|
HER30-1500G |
Fast Recovery Pack: DO-201AD ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞1500V CURRENT拢潞 3.0A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?500V CURRENT 3.0A
|
Gulf Semiconductor
|
GS1A GS1B GS1D GS1G GS1J GS1K GS1M |
Standard Recovery Pack: SMA SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A
|
Gulf Semiconductor http://
|
MR854GP MR852GP |
RECTIFIER DIODE, DO-201AD 400 V, 3 A glass passivated fast recovery rectifier 200 V, 3 A glass passivated fast recovery rectifier
|
Fagor
|
MURS260-A |
Super Fast Recovery Pack: SMA SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE拢潞600V CURRENT拢潞 2.0A SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT 2.0A
|
Gulf Semiconductor
|
1R5GU4G |
Ultra Fast Recovery Pack: DO-15 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE锛?50V CURRENT锛?.5A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?50V CURRENT?.5A
|
Gulf Semiconductor
|
FR102G FR105G FR107G FR101G FR103G FR104G FR106G |
GLASS PASSIVATED FAST RECOVERY RECTIFIER FAST RECOVERY GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Ampere
|
Shanghai Sunrise Electr... Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics] Chenyi Electronics
|
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
1N5617GP 1N5619GP 1N5615GP 1N5623GP 1N5621GP |
Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 1000V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 800V
|
Vishay
|
RGP02-20E RGP02-16E RGP02-17 RGP02 RGP02-12 RGP02- |
From old datasheet system Glass Passivated Junction Fast Switching Rectifier, Forward Current 0.5A, Reverse Voltage 1200 to 2000V Glass Passivated Junction Fast Switching Rectifier
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
RGF20MA RGF20A RGF20B RGF20D RGF20G RGF20J RGF20JA |
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
|
ZOWIE[Zowie Technology Corporation]
|
3KBP005M 3KBP02M 3KBP04M 3KBP01M 3KBP06M |
Single-Phase Bridge Rectifier; Glass Passivated; Glass Passivated Single-Phase Bridge Rectifier 玻璃钝化单相桥式整流 MW 1 BK 48 IN 4301000BK Diodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc.
|