PART |
Description |
Maker |
MMA6900K MMA6900Q MMA6900QR2 MMA6901K MMA6901Q MMA |
High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
|
Freescale Semiconductor, Inc
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADP3301 ADP3301AR-27 ADP3301AR-3 ADP3301AR-32 ADP3 |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
TC2015-2.85VCTTR TC2185-2.85VCTTR TC2014-3.0VCTTR |
The TC2014, TC2015, and TC2185 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators ... The TC2054, TC2055, and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. ...
|
Microchip
|
ADR4520 ADR4525 |
Ultra-Low-Noise, High-Accuracy 2.048V Voltage Reference Ultra-Low-Noise, High-Accuracy 2.5V Voltage Reference
|
Analog Devices
|
VRH1001LLX VRH1001LTX VRH1001LVX VRH1001NLX VRH100 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with On/Off circuit
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|
MAX814CPA MAX814CSA MAX816EPA MAX814ESA MAX814EPA |
1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits 隆戮1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits 卤1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V µP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 ±1% Accuracy, Low-Power, 3V and 5V µP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ATS625LSG-T ATS625LSGTN |
True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor ATS625LSG True Zero-Speed, Low-Jitter, High-Accuracy Gear-Tooth Sensor
|
Allegro MicroSystems, Inc.
|
MAX687 |
High-Accuracy, Low-Dropout
Linear Regulators(3V,用于便携电话高精度线性稳压控制器)
|
Maxim Integrated Products, Inc.
|