PART |
Description |
Maker |
LX3055 |
Coplanar InGaAs/InP PIN photo diode.
|
Microsemi
|
LMC10NEG LMC10NEG3347-J28 LMC10NEG3347-J57 LMC10NE |
10Gb/s Compact InP MZ Modulator with DWDM Laser
|
Bookham, Inc.
|
5S12.250UM |
Single Output Isolated DC/DC converter (Out 12V 250 mA Inp 4.5 - 5.5V)
|
Calex Electronics Limited
|
CX94410 |
High Speed ADSLplus Chipset with Enhanced INP and USB 2.0
|
Conexant Systems, Inc
|
MMBF4416LT1 MMBF4416L MMBF4416LT1-D |
JFET VHF/UHF Amplifier Transistor N-Channel Small Signal JFET
|
ON Semiconductor
|
MMBFU310LT1-D |
JFET Transistor N-Channel Small Signal JFET
|
ON Semiconductor
|
BFR30LT1 BFR31LT1 BFR31LT1G BFR30LT1G BFR31L BFR30 |
JFET AMPLIFIERS(N-CHANNEL) Small Signal JFET
|
ON Semiconductor
|
MMBF5484LT1G |
JFET Transistor N−Channel VHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET, TO-236AB
|
ON Semiconductor
|
SST4117 SST4118 SST4119 2N4117A 2N4118A 2N4118 2N4 |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-6.4A; On-Resistance, Rds(on):35mohm; Rds (SST4117 - SST4119) N-Channel JFET General Purpose Amplifier N-Channel JFET General Purpose Amplifier N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-72
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
LT1122D LT1122C LT1122B LT1122A LT1122 LT1122CCN8P |
High Speed and Precision Performance, JFET Input Operational Amplifier(?锋?楂????簿瀵???界?缁???烘?搴??杈??杩???惧ぇ?ī Fast Settling, JFET Input Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDIP8 High Speed and Precision Performance, JFET Input Operational Amplifier(具有高速和精密性能的结型场效应管输入运算放大器) From old datasheet system Fast Setting, JFET input Operational Amplifier
|
Linear Technology, Corp. Linear Technology Corporation
|
LSK389-A-71 LSK389-C-71 |
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET 40 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-71
|
Linear Integrated System, Inc LINEAR INTEGRATED SYSTEMS INC
|