PART |
Description |
Maker |
HCF4006B HCF4006BC1 HCF4006BEY HCF4006BM1 HCC_HCF4 |
18-STAGE STATIC SHIFT REGISTER MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:50A; On-Resistance, Rds(on):28mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Drain-Source Breakdown Voltage:60V 18 -阶段静态移位寄存器
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
KI4558DY |
PIN Configuration Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI4562DY |
PIN Configuration Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
KI4980DY |
Drain-Source Voltage Vds 80V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
KI1902DL |
Drain-source voltage Vds 20V Gate-source voltage Vgs -12V
|
TY Semiconductor Co., L...
|
KI5903DC |
Drain-Source Voltage Vds -20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
KI9926A |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -12 V
|
TY Semiconductor Co., Ltd
|
ST7MDT2 ST7MDT2-110 ST7MDT2-220 ST7MDT2-DVP ST7MDT |
A Low-Cost Development Package Including A Full Real-Time Emulation Board(低价格开发软件包) MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET MOSFET; Transistor Polarity:Dual N/P Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:51A; On-Resistance, Rds(on):0.36ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:6-TSOP; Drain-Source Breakdown Voltage:30V From old datasheet system MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
KSS138 |
N-Channel SOT-23 Drain-to-source voltage VDSS 50 V
|
TY Semiconductor Co., Ltd
|
2SK617 |
Drain Source Voltage-: VDSS= 800V(Min)
|
Inchange Semiconductor ...
|
BUZ902D BUZ903D |
N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 220V. N-channel power MOSFET. Power MOSFETs for audio applications. Drain - source voltage 250V.
|
Magnatec
|
KI4511DY |
TrenchFET Power MOSFET Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|