PART |
Description |
Maker |
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
J94B |
T-1, (3-mm) Round, Quad-level PCB Mount LED Indicator
|
IDEA.lnc.
|
HHS3YG60A HHS3YG60B |
3mm Round Lamp with Single Level Housing
|
Inolux Corporation
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
OSV5YL8131A |
8mm Round Violet LED 8mm Round Standard Directivity High Luminous LEDs
|
http://
|
BL-B1137M-1 BL-B2137M-1 BL-B4337M-1 BL-B5137M-1 BL |
Red, standard LED lamp (round type) Green, standard LED lamp (round type) Orange, standard LED lamp (round type) Bright red, standard LED lamp (round type) Yellow, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Pure green, standard LED lamp (round type)
|
Yellow Stone Corp
|
LS03-1A66-PA-500W LS03-1A66-PA-500W11 LS03-1A71-PA |
LS Level Sensor Level Sensors with Magnetic Floats
|
Meder Electronic
|
|