PART |
Description |
Maker |
222233840683 222233840684 222233840685 22223384168 |
CAPACITOR 68NF 300V CAPACITOR 680NF 300V CAPACITOR 6.8UF 300V Low-Power MicroMonitor Chip CAPACITOR 470NF 300V CAPACITOR 1.0UF 300V Power Monitor CAPACITOR 15NF 300V CAPACITOR 1.5UF 300V CAPACITOR 22NF 300V CAPACITOR 220NF 300V CAPACITOR 33NF 300V CAPACITOR 330NF 300V CAPACITOR 3.3UF 300V CAPACITOR 100NF 300V CAPACITOR 2.2UF 300V CAPACITOR 10NF 300V 256k Nonvolatile SRAM 电容3NF 300V
|
Vishay Intertechnology, Inc.
|
PHE448 |
Pulse capacitor, polypropylene film/foil From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
PHE426 PHE426DJ4100JR05 PHE426DJ4120JR05 PHE426DJ4 |
Single metallized film pulse capacitor, polypropylene dielectric
|
List of Unclassifed Manufac... http:// List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
0526035410M 0526050310M 0290016422MH10-R 052601042 |
CAPACITOR 100UF 35V CAPACITOR 10UF 50V CAPACITOR 220UF 16V CAPACITOR 220UF 10V CAPACITOR 330UF 10V 10V的电330UF CAPACITOR 47UF 35V 电容47UF 35V
|
Sanyo Electric Co., Ltd. Atmel, Corp.
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
B37873K5473M60 B37873K5474M62 B37932K5223M60 B3793 |
CAPACITOR 47 NF 50V CAPACITOR 470 NF 50V CAPACITOR 22 NF 50V KONDENSATOR 100NF 50V CAPACITOR 220 NF 50V CAPACITOR 1 UF 50V 电容超滤50V CAPACITOR 1 PF 50V 电容公积0V
|
Motorola Mobility Holdings, Inc. EPCOS AG
|
UT50 UT100 UT20 |
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
80C186EC 80C188EC 80L186EC 80L188EC 80C186EC20 80C |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 CAPACITOR 4700UF 16V CAPACITOR 4700UF 16V; CAPACITANCE:4700UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:ZLH; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
Intel Corp. Intel, Corp.
|
2SD2204 |
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITHCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
153PPB162K 153PPB102K 153PPB630K 153PPB102KB |
High Pulse Currents - High voltage
|
Illinois Capacitor, Inc...
|