PART |
Description |
Maker |
BSM300GA100D BSM300GA120D BSM100GB100D BSM100GB120 |
300 A, 1000 V, N-CHANNEL IGBT 300 A, 1200 V, N-CHANNEL IGBT 100 A, 1000 V, N-CHANNEL IGBT 100 A, 1200 V, N-CHANNEL IGBT 75 A, 1000 V, N-CHANNEL IGBT 200 A, 1000 V, N-CHANNEL IGBT 50 A, 1600 V, N-CHANNEL IGBT
|
INFINEON TECHNOLOGIES AG SIEMENS A G
|
HGT1S11N120CNS HGTP11N120CN HGTG11N120CN HGT1S11N1 |
43A, 1200V, NPT Series N-Channel IGBT 43 A, 1200 V, N-CHANNEL IGBT, TO-263AB Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 3300uF; Voltage: 25V; Case Size: 16x25 mm; Packaging: Bulk 43 A, 1200 V, N-CHANNEL IGBT, TO-220AB 43A/ 1200V/ NPT Series N-Channel IGBT 43A 1200V NPT Series N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IXGH15N120B2D1 IXGT15N120B2D1 |
HiPerFAST IGBT 30 A, 1200 V, N-CHANNEL IGBT, TO-247AD 30 A, 1200 V, N-CHANNEL IGBT, TO-268AA
|
IXYS Corporation
|
APT100GT120JR |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: ISOTOP®; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 60; 123 A, 1200 V, N-CHANNEL IGBT Thunderbolt IGBT
|
Microsemi, Corp. Microsemi Corporation
|
PHMB300BS12 |
IGBT 300 A 1200 V
|
Nihon Inter Electronics Corporation
|
CM75TF-24H |
Six-IGBT IGBTMOD 75 Amperes/1200 Volts 75 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
PM300DSA120 |
Intellimod⑩ Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts) Intellimod Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
CM75DU-24H |
Dual IGBTMOD 75 Amperes/1200 Volts 75 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
IRGC49B120UB |
1200 V, N-CHANNEL IGBT TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | CHIP
|
|
GP1201FSS18 |
Single Switch Low V IGBT Module 1200 A, 1800 V, N-CHANNEL IGBT
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|