PART |
Description |
Maker |
ADM6993X-AD-T-1 |
ADM6993/X HDLC to Fast Ethernet Converter 4 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP128
|
Infineon Technologies AG
|
LAN91C111I-NE |
10/100 Non-PCI Ethernet Single Chip MAC PHY 2 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP128
|
SMSC, Corp.
|
LAN9215-MZP LAN9215-MT |
Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX 1 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP100
|
SMSC Corporation SMSC, Corp.
|
LAN9217-MT |
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX 1 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP100
|
SMSC, Corp.
|
BTS723GW Q67060-S7501 |
Smart High-Side Power Switch Two Channels: 2 x 100m?/a> Status Feedback Suitable for 42V Smart High-Side Power Switch Two Channels: 2 x 100mз Status Feedback Suitable for 42V 智能高侧电源开关两个渠道:2 ×100mз状态反馈适用2V High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 Smart High-Side Power Switch Two Channels: 2 x 100m Status Feedback Suitable for 42V Smart High Side Switches - 5,0-62V, 2x100mLimit(scr) 8A DSO-14-9
|
INFINEON[Infineon Technologies AG]
|
NCR92C902-C-100QFP |
2 CHANNEL(S), 10M bps, LOCAL AREA NETWORK CONTROLLER, PQFP100
|
NCR MICROELECTRONICS
|
COM20022I3V-HT |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM 1 CHANNEL(S), 10M bps, LOCAL AREA NETWORK CONTROLLER, PQFP48
|
SMSC, Corp.
|
COM20019I COM20019I-DZD-TR COM20019ILJP |
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM 1 CHANNEL(S), 312.5K bps, LOCAL AREA NETWORK CONTROLLER, PQCC28 PLASTIC, LCC-28
|
SMSC Corporation SMSC, Corp.
|
MT90868 |
32,768 x 8,192 Channels High Bandwidth Digital Switch with up to 128 Streams on Backplane and 128 Streams on Local and Data Rates From 8 to 32 Mbps
|
Zarlink Semiconductor
|
AK4683 |
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
|
Asahi Kasei Microsystems
|
AKD4628A-B |
single chip CODEC that includes two channels of ADC and eight channels of DAC.
|
Asahi Kasei Microsystems
|