PART |
Description |
Maker |
APA2614QAI-TRG APA2614RI-TRG |
15W Stereo Class-D Audio Power Amplifier
|
Anpec Electronics Coropration
|
TDA7490LSA |
15W 15W Stereo Class-D Amplifier
|
STMicroelectronics
|
PAM8006A PAM8006ATR |
15W Stereo Class-D Audio Power Amplifier with Power Limit
|
Power Analog Micoelectronics
|
MAX9704ETJ MAX9703-MAX9704 |
15W / Filterless / Spread-Spectrum Mono/Stereo Class D Amplifiers 15W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 15W的功率,滤波,扩频单声道/立体声D类放大器
|
Maxim Integrated Products, Inc.
|
TMPA421DS TQFP48L |
15W 6W X2 2.1 CHANNEL CLASS-D AUDIO POWER AMPLIFIER
|
List of Unclassifed Manufacturers ETC[ETC]
|
ENA0989 LV4920H |
Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W】2CH, 10W】2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W×2CH, 10W×2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W隆驴2CH, 10W隆驴2CH
|
Sanyo Semicon Device
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
WM8960CGEFL/RV WM8960CGEFL/V WM896011 |
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
|
Wolfson Microelectronics plc
|
TCA2002 |
STEREO CLASS-T?/a> AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP? TECHNOLOGY STEREO CLASS-T⑩ AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP⑩) TECHNOLOGY STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
|
Tripath Technology Inc.
|
EUA2105QIR1 |
5-W Stereo Class-D Audio Amplifier
|
Eutech Microelectronics
|