PART |
Description |
Maker |
XR72-2.4 XR72-2.2 XR72-9.1 XR72-15 XR72-2.7 XR72-3 |
surface mount silicon Zener diodes 硅表面贴装齐纳二极管 PLANAR ZENER DIODE ZENER VOLTAGE: 2.0-39V POWER: 500mW
|
Shanghai Sunrise Electronics Co., LTD.
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
MM1Z43 MM1Z2V0 MM1Z47 MM1Z18 MM1Z10 MM1Z100 MM1Z12 |
SILICON PLANAR ZENER DIODES Silicon planar zener diode in a small plastic
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
MA3330 MA3180 MAZ30820M MA3000 MA3140 MAZ3000 MAZ3 |
Silicon planar type Silicon planar type 33 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Small-signal device - Diodes - Zener Diodes Zener Diodes Silicon planar type
|
PANASONIC CORP Panasonic, Corp. http:// PANASONIC[Panasonic Semiconductor]
|
ZMU120 ZMU100 |
SILICON PLANAR POWER ZENER DIODES
|
SEMTECH ELECTRONICS LTD.
|
ZM4740 |
SILICON PLANAR POWER ZENER DIODES
|
Continental Device India Limited
|
MMCZ5259SPT MMCZ5252SPT MMCZ5236SPT MMCZ5235SPT MM |
SILICON PLANAR POWER ZENER DIODES
|
Chenmko Enterprise Co. ... Chenmko Enterprise Co. Ltd.
|
MMGZ5254BPT MMGZ5249BPT MMGZ5253BPT MMGZ5266BPT |
SILICON PLANAR POWER ZENER DIODES
|
Chenmko Enterprise Co. Ltd. Chenmko Enterprise Co. ...
|
ZM2C130 ZM2C7V5 ZM2C24 ZM2C120 |
SILICON PLANAR POWER ZENER DIODES
|
SEMTECH ELECTRONICS LTD.
|
ZM4728 ZM4761 ZM4760 ZM4731 ZM4730 ZM4740 |
SILICON PLANAR POWER ZENER DIODES
|
Daya Electric Group Co., Ltd. Daya Electric Group Co., Lt...
|