PART |
Description |
Maker |
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6LG244R8ZS P6LG0503ZS P6LG0505ZS P6LG053R3ZS P6LG |
Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT SIP7 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT SIP7 千伏隔震0,6瓦稳压双输出SIP7劈裂 Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output
|
PEAK[PEAK electronics GmbH]
|
IT2403SA IT2405S IT2405SA IT2412S IT2415S IT2412SA |
Regulated Single & Dual Output
|
XP Power Limited
|
RR7-2403D05AX RR7-2403S05AX RR7-2405D05AX RR7-2405 |
5 Watt 4:1 regulated single & dual output
|
RSG Electronic Componen...
|
RS5-1215RD30A1 RS5-1215R30A1 |
3.0 Watt 2:1 regulated single & dual output
|
RSG Electronic Componen...
|
URB2405LD-20WR2 URB4815LD-20WR2 URB2415LD-20WR2 UR |
REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
VRA2415ZP-6WR2 VRA2412ZP-6WR2 |
REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
10A-ZMD 10B4815ZMD 10B2403ZMD |
10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
2A4812YJD 2A4805YJD 2A4815YJD 2A1212YJD 2A1215YJD |
2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter 2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
|
Microdc power Technology Co... Microdc power Technolog...
|
WRB2403YD-12W WRB4803YD-12W WRB1203YD-12W WRB2402Y |
12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER 12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
|
Microdc power Technology Co., Ltd Microdc power Technology Co... Microdc power Technolog...
|
WRB4803YD-20W WRA2403YD-20W WRB2403YD-20W WRB1203Y |
20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters 20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
|
Microdc power Technology Co., Ltd Microdc power Technology Co... Microdc power Technolog...
|