PART |
Description |
Maker |
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1 |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?
|
IRF[International Rectifier]
|
IRCZ24 |
Power MOSFET(Vdss=55V/ Rds(on)=0.040ohm/ Id=26A) Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFIBC30G IRFIBC30 |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A) Power MOSFET(Vdss=600V/ Rds(on)=2.2ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFIBC40G IRFIBC40 IRFIBC40GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A) Power MOSFET(Vdss=600V/ Rds(on)=1.2ohm/ Id=3.5A)
|
IRF[International Rectifier]
|
IRFIBC20G IRFIBC20 IRFIBC20GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V/ Rds(on)=4.4ohm/ Id=1.7A) Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
|
IRF[International Rectifier]
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|
IRF1730G IRFI730G IRFI730GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A) Power MOSFET(Vdss=400V/ Rds(on)=1.0ohm/ Id=3.7A)
|
IRF[International Rectifier]
|
IRFD110 |
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.54ohm,身份证\u003d 1.0安培 Power MOSFET(Vdss=100V/ Rds(on)=0.54ohm/ Id=1.0A) 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI744G IRFI744GPBF |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=0.63ohm Id=4.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A) 功率MOSFET(减振钢板基本\u003d 450V,的Rds(on)\u003d 0.63ohm,身份证\u003d 4.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|