PART |
Description |
Maker |
TLM609GF |
Power It! Safety Power Strip with 6 Outlets and 9-ft.Cord with GFCI Plug
|
List of Unclassifed Manufacturers
|
WSL1206R1000FEA18 WSL12061L000FTB18 VISHAYDALE-WSL |
Metal Strip/Wire Resistor, RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 1 %, 75 ppm, 0.1 ohm, SURFACE MOUNT, 1206, CHIP, GREEN RES METAL STRP 1206 1M OHM 1% 1/2W 275PPM/ C SMD - Tape and Reel Power Metal Strip Resistors, High Power Low Value, Surface Mount Power Metal Strip Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 Ohm), Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 ?, Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005 Ohm), Surface Mount Power Metal Strip? Resistors, High Power (2 x Standard WSL) Low Value Surface Mount Power Metal Strip Resistors, High Power Low Value, Surface Mount
|
Vishay Dale Vishay Siliconix
|
WSR2 WSR25L000FEA WSR21R000FTA WSR25L000FEK WSR2R0 |
Power Metal Strip? Resistors, Low Value (down to 0.001 ?, Surface Mount Power Metal Strip Resistors, Low Value (down to 0.001 ?, Surface Mount Metal Strip/Wire Resistor, RESISTOR, CURRENT SENSE, METAL STRIP, 2 W, 1 %, 110 ppm, 0.005 ohm, SURFACE MOUNT, 4527, CHIP, GREEN 2W,.02,1%,T/R - Tape and Reel
|
Vishay Siliconix Vishay Dale
|
WSK0612 |
Power Metal Strip? Resistors, High Power, Surface Mount, 4-Terminal
|
Vishay Siliconix
|
WSLP2726-15 |
Power Metal Strip? Resistors, Very High Power (to 7 W),Low Value (down to 0.0003 ?, Surface Mount
|
Vishay Siliconix
|
WSL272611 |
Power Metal Strip? Resistors, Low Value, High Power, Surface Mount, 4-Terminal
|
Vishay Siliconix
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
WSLP12065L000FEA WSLP0603R0100FEB WSLP1206R0100FEA |
Power Metal Strip Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 ?, Surface Mount Power Metal Strip? Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 ?, Surface Mount Power Metal Strip Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
|
Vishay Siliconix
|
A41-43-512 A41-43-515 A41-25-512 A41-25-515 A41-80 |
SPLIT BOBBIN POWER TRANSFORMER, 80 VA For 5 VDC and ±12 VDC or ±15 VDC Regulated Power Supplies Requiring International Safety Certification For 5 VDC and 【12 VDC or 【15 VDC Regulated Power Supplies Requiring International Safety Certification SPLIT BOBBIN POWER TRANSFORMER, 43 VA
|
List of Unclassifed Manufacturers ETC[ETC] BEL FUSE INC
|
SAA1502ATS |
Safety IC for Li-ion 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
NXP Semiconductors N.V.
|
BU426 BU426A |
POWERLINE: RP20-S_DF - 2:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x25.4x10.2mm Package- Efficiency to 89% POWER TRANSISTORS(6.0A,375-400V,113W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
|