PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
X9438 |
Dual smart OpAmp with dual 64 tap XDCP potentiometer, low power, 2-wire, dual supply
|
Xicor
|
AAT4670IKS-B1 AAT4670IHS-T1 AAT4670IHS-B1 AAT4670I |
Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] Dual-Input Dual-Output Load Switches Dual-Input/ Dual-Output Load Switches Dual-Input, Dual-Output Load Switches
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
DG387BDJ-E3 DG381BDJ-E3 DG384BDJ-E3 |
DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP14 DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP14 ANLG SW DUAL SPST 22V/36V 14PDIP - Bulk IC SWITCH DUAL CMOS 14DIP Analog Switch Dual DPST 16-Pin PDIP
|
VISHAY SILICONIX
|
HCPL-1931-B600 HCPL-1930 HCPL-1930-100 HCPL-1930-2 |
2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps Hermetically Sealed. Dual Channel Line Receiver Optocouplers 密封。双通道线路接收器光电耦合 Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver 双通道线接收双通道线接收双通道线路接收 HCPL-1930 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-1931 · Hermetically Sealed, Dual Channel Line Receiver Optocouplers HCPL-193K · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201EC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KXA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201YC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KYA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEC · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957201XA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers 5962-8957202KEA · Hermetically Sealed, Dual Channel Line Receiver Optocouplers
|
Agilent(Hewlett-Packard... AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
TC395CL TC390 TC390AL TC390CL TC391 TC391AL TC391C |
DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER High Noise Immunity Logic
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Microsemi
|
ADG621BRMZ ADG621BRM-REEL ADG623BRMZ ANALOGDEVICES |
CMOS ±5 V/ 5 V, 4 O Dual SPST Switch; Package: MSOP; No of Pins: 10; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 CMOS ±5 V/ 5 V, 4 Ω Dual SPST Switches CMOS 5 V/ 5 V, 4 Dual SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD9248BCPZRL7-20 AD9248BCPZRL7-40 AD9248BCPZRL7-65 |
14-Bit, 20/40/65 MSPS Dual A/ D Converter DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64 14-Bit, 20/40/65 MSPS Dual A/ D Converter 14位,20/40/65 MSPS双通道的A / D转换 14-Bit/ 20/40/65 MSPS Dual A/ D Converter
|
Analog Devices, Inc. ANALOG DEVICES INC
|
IDT72805LB10BGI IDT72845LB20PFI IDT72835LB20PFI ID |
4K x 18 DualSync FIFO, 5.0V 2K x 18 DualSync FIFO, 5.0V 1K x 18 DualSync FIFO, 5.0V 256 x 18 DualSync FIFO, 5.0V 512 x 18 DualSync FIFO, 5.0V CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 1K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18,双4,096 × 18 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
|
Integrated Device Technolog... IDT Integrated Device Technology, Inc. Integrated Device Techn...
|
CY7C0241 CY7C0251 7C024 CY7C025-25JC CY7C025-55AC |
x16 Dual-Port SRAM x16双端口SRAM x18 Dual-Port SRAM x18双端口SRAM From old datasheet system 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with Sem, Int, Busy
|
Cypress Semiconductor, Corp. Omron Electronics, LLC
|
|