PART |
Description |
Maker |
MBRS330T3 MBRS360T3 |
surface Mount Schottky Power Rectifie
|
TY Semiconductor Co., Ltd
|
SSR4010CTNA SSR4010CTPA SSR4010DNU SSR4010DNA SSR4 |
40 A, 100 V, SILICON, RECTIFIER DIODE, TO-258AA 40 AMP, 100 VOLTS SCHOTTKY RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-259
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
MJD42C ON2003 MJD74C MJD41C-1 MJD41CT4 MJD41C |
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS From old datasheet system DPAK For Surface Mount Applications SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS 20 WATTS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] ON Semi Motorola, Inc.
|
SSR2010CT |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
MBR20H100CT |
SWITCHMODE Power Rectifier 100 V, 20 A(100V,20A开关模式功率整流器) 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
ON Semiconductor
|
SED60KB100 |
60 AMP 100 VOLTS SCHOTTKY RECTIFIER 60 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc.
|
R5100410 R5100415 R5100315 R5100110 R5100115 R5100 |
150 A, 1200 V, SILICON, RECTIFIER DIODE, DO-8 General Purpose Rectifier (100-150 Amperes Average 1200 Volts) 通用整流器(100-150安培平均1200伏特 4 Pin, MFP, Phototransistor Detector, CTR 50 min @ 5mA, 5V Optocoupler 通用整流器(100-150安培平均1200伏特
|
POWEREX INC POWEREX[Powerex Power Semiconductors] Powerex, Inc. Harwin PLC
|
CSHDD16-60A CSHDD16-100A CSHDD16-40A CSHDD16-60ATR |
16 A, 60 V, SILICON, RECTIFIER DIODE SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 40 THRU 100 VOLTS
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
1N4148L-CA2-R 1N4148L-CB2-R 1N4148L-AL3-R 1N4148L- |
HIGH-SPEED SWITCHING DIODE 0.2 A, 100 V, SILICON, SIGNAL DIODE HALOGEN FREE, PLASTIC PACKAGE-3 0.2 A, 100 V, SILICON, SIGNAL DIODE LEAD FREE, PLASTIC PACKAGE-3 0.2 A, 100 V, SILICON, SIGNAL DIODE LEAD FREE, PLASTIC PACKAGE-2
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
BYV255V-50 BYV255V-100 BYV255V-150 |
100 A, 50 V, SILICON, RECTIFIER DIODE PLASTIC, ISOTOP-4 100 A, 100 V, SILICON, RECTIFIER DIODE PLASTIC, ISOTOP-4 100 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, ISOTOP-4
|
ST Microelectronics
|
|