PART |
Description |
Maker |
STFI24N60M2 |
N-channel 600 V, 0.168 Ohm typ., 18 A MDmesh II Plus(TM) low Qg Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
STFI13NM60N |
N-channel 600 V, 0.28 Ohm typ., 11 A MDmesh(TM) II Power MOSFET in I2PAKFP package
|
ST Microelectronics
|
STF2LN60K3 STD2LN60K3 STU2LN60K3 |
N-channel 600 V, 4 Ohm typ., 2 A, SuperMESH3(TM) Power MOSFET in DPAK package N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
|
ST Microelectronics STMicroelectronics
|
STB6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in D2PAK package
|
ST Microelectronics
|
STB28NM60ND |
N-channel 600 V, 0.120 Ohm typ., 24 A FDmesh(TM) II Power MOSFET (with fast diode) in D2PAK package
|
ST Microelectronics
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S8119 |
MOSFET, Switching; VDSS (V): 60; ID (A): 1.5; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.173]; RDS (ON) typ. (ohm) @2.5V: 0.207; Ciss (pF) typ: 200; toff (µs) typ: 0.035; Package: MPAK 图片集成电路光开
|
Hamamatsu Photonics K.K.
|
S7978 |
MOSFET, Switching; VDSS (V): -60; ID (A): -40; Pch : 50; RDS (ON) typ. (ohm) @10V: 0.02; RDS (ON) typ. (ohm) @4V[4.5V]: 0.033; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 25; Package: LDPAK (S)- (1)
|
Hamamatsu Photonics
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|