PART |
Description |
Maker |
RCLAMP2504P08 RCLAMP3304P RCLAMP3304P.TCT RCLAMP25 |
RailClamp? 2.5V & 3.3V TVS Arrays RailClamp庐 2.5V & 3.3V TVS Arrays RailClamp㈢ 2.5V & 3.3V TVS Arrays
|
http:// Semtech Corporation
|
SP0503BA SP0502BA SP0503BAHT SP0502BAHT SP0504BAJT |
(SP0502BA - SP0506BA) TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
SP723AB SP723 |
TVS Diode Arrays TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
|
Littelfuse, Inc.
|
SP724AHT |
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
|
Littelfuse
|
CDNBS08-SMDA05-6 |
Capacitance TVS Diode Arrays
|
Bourns Electronic Solut...
|
RCLAMP3304N RCLAMP3304N.TCT RCLAMP2504N RCLAMP2504 |
RailClamp? 2.5V & 3.3V TVS Arrays RailClamp㈢ 2.5V & 3.3V TVS Arrays
|
http:// Semtech Corporation
|
TUSD05K7U |
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
|
StarHope
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
MAX3203EETT MAX3203EEBT-T MAX3206EEBL-T MAX3202 MA |
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces UNIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE, MO-229WEEA Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, 5kV ESD Protection Arrays for High-Speed Data Interfaces UNIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE Dual LVDS Receiver with -2 to 4.4V Common-mode Range 8-SOIC -40 to 85 UNIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE, MO-229WEEA Dual LVDS Receiver with -2 to 4.4V Common-mode Range 8-SOIC -40 to 85 UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE, MO-229WEEA Low-Capacitance, 2/3/4/6-Channel, 5kV ESD Protection Arrays for High-Speed Data Interfaces 低电容,2/3/4/6,5kV ESD保护阵列,用于高速数据接
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Fairchild Semiconductor, Corp.
|
STZ6.8T |
Zener diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Diodes > Zener Diodes (Include TVS) > Zener & TVS arrays (2-4 elements)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
MAX3206EEBLT MAX3202EEBST MAX3202EEBT-T |
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces UNIDIRECTIONAL, 12 ELEMENT, SILICON, TVS DIODE Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|