PART |
Description |
Maker |
MC3423-D |
Overvoltage Crowbar Sensing Circuit
|
ON Semiconductor
|
P1800SC P0080S P0900S P3500SC P0080SA P0080SB P008 |
solid state crowbar devices SIDACtor Device
|
TECCOR[Teccor Electronics]
|
B2050C P1500E P1500ECMC P1500SCMC P1500SD P1500Z P |
TERMINAL SIDACtor devices to 71C, Low Ripple & Noise, High Efficiency up to 78%, Low Profile Plastic Case,Current Limit Auto-Recovery, Single & Dual Ouput Regulated solid state crowbar devices 固态撬棍设 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:14; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight SIDACtor设备 solid state crowbar devices
|
Teccor Electronics Hubbell Wiring Device-Kellems Littelfuse, Inc. Intel, Corp. NXP Semiconductors N.V. Diodes, Inc.
|
MAC08BT105 MAC08BT1G MAC08MT1G MAC08MT1 MAC08BT1 |
Silicon Bidirectional Thyristor(0.8A锛?00V涓????????纭???哥?) Sensitive Gate Triacs Silicon Bidirectional Thyristors Silicon Bidirectional Thyristor(0.8A00V三端双向可控硅晶闸管) 200 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ONSEMI[ON Semiconductor]
|
A1806UC4RP P0300SCMC |
SIDACtor devices solid state crowbar devices
|
Teccor Electronics
|
MC74HC194N MC74HC194 ON1378 |
4-Bit Bidirectional Universal Shift Register 4-BIT BIDIRECTIONAL UNLVERSAL SHLFT REGLSTER From old datasheet system
|
Motorola, Inc ON Semi
|
MAX6314US25D1-T MAX6314US25D2-T MAX6314US25D3-T MA |
68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 1120ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 1ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.93V. Reset timeout period(min) 1120ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1120ms. 68HC11/Bidirectional-Compatible 渭P Reset Circuit 68HC11/Bidirectional-Compatible P Reset Circuit DIODE SWITCHING DUAL SERIES 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL 68HC11/Bidirectional-Compatible レP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 20ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 3.08V. Reset timeout period(min) 140ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 3.50V. Reset timeout period(min) 140ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 140ms. 68HC11/Bidirectional-Compatible μP Reset Circuit
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAC210A10 ON0354 MAC210A8-D MAC210A8 |
Silicon Bidirectional Thyristor(10A00V三端双向可控硅晶闸管) 600 V, 10 A, TRIAC, TO-220AB 10AMPERES RMS 600 thru 800 VOLTS From old datasheet system Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
1SMA10CAT306 1SMA78CAT3G 1SMA10CAT3 1SMA10CAT3G 1S |
Plastic Surface Mount Bidirectional Zener Overvoltage Transienc Suppressor(塑料表贴封装,峰值功00W,变位电压24V,双向齐纳瞬变电压抑制 400 W, BIDIRECTIONAL, SILICON, TVS DIODE 400 Watt Peak Power Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
74ACQ657 74ACTQ657 74ACTQ657SPC 74ACQ657SPC 74ACTQ |
Quiet Series?/a> Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TVSOP -40 to 85 Quiet SeriesOctal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs Quiet Series???? Octal Bidirectional Transceiver with From old datasheet system Quiet Series⑩ Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs Quiet Series?/a> Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|